Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HFP730 Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HFP730
Description  N-Channel Enhancement Mode Field Effect Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HFP730 Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HFP730 Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP730 Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP730 Datasheet HTML 3Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP730 Datasheet HTML 4Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP730 Datasheet HTML 5Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HFP730 Datasheet HTML 6Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
N-Channel Enhancement Mode Field Effect Transistor
█
General Description
these power MOSFETs is designed for high voltage, high speed power
switching applications such as switching regulators, converters,
solenoid and relay drivers. And DC-DC&DC-AC Converters for
Telecom,Industrial and Consumer Environment
█
Features
•
5.5A, 400V, RDS(on) <1.0Ω@VGS = 10 V
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• Equivalent Type:IRF730
█
Maximum Ratings(Ta=25℃ unless otherwise specified)
█
Thermal Characteristics
Symbol
Items
TO-220
Unit
Rthj-case
Thermal Resistance Junction-case
Max 1.71
℃
/W
Rthj-amb
Thermal Resistance Junction-ambient
Max 62.5
℃
/W
Rth c-s
Thermal Resistance Case-sink
Typ 0.5
℃
/W
Tstg——Storage Temperature ------------------------------------------------------ -55~150℃
Tj ——Operating Junction Temperature -------------------------------------------------- 150℃
VDSS —— Drain-Source Voltage ----------------------------------------------------------400V
VDGR —— Drain-Gate Voltage (RGS=20kΩ) -------------------------------------------------------- 400V
VGSS —— Gate-Source Voltage ------------------------------------------------------------------------ ±20V
ID —— Drain Current (Continuous) ------------------------------------------------------------------- 5.5A
PD —— Maximum Power Dissipation ------------------------------------------------------------- 73W
IAR —— Avalanche Current, Repetitive or Not-Repetitive
(pulse width limited by Tj max, d < 1%) ---------------------------------------------------- 5.5 A
EAS—— Single Pulse Avalanche Energy
(starting Tj = 25℃, ID = IAR, VDD = 50 V) --------------------------------------------------- 330 mJ
EAR—— Repetitive Avalanche Energy(pulse width limited by Tj max, d < 1%) ---------------- 7.3mJ
HFP730
TO-220
1- G 2-D 3-S


Similar Part No. - HFP730

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HFP730 SEMIHOW-HFP730 Datasheet
968Kb / 8P
400V N-Channel MOSFET
HFP730F SEMIHOW-HFP730F Datasheet
264Kb / 9P
400V N-Channel MOSFET
HFP730S SEMIHOW-HFP730S Datasheet
304Kb / 8P
Superior Avalanche Rugged Technology
HFP730U SEMIHOW-HFP730U Datasheet
208Kb / 8P
Superior Avalanche Rugged Technology
More results

Similar Description - HFP730

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com