Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HP32CF Datasheet(PDF) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

Part # HP32CF
Description  PNP SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HUASHAN [SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD]
Direct Link  http://www.huashan.com.cn
Logo HUASHAN - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

HP32CF Datasheet(HTML) 1 Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD

  HP32CF Datasheet HTML 1Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD HP32CF Datasheet HTML 2Page - SHANTOU HUASHAN ELECTRONIC DEVICES CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shantou Huashan Electronic Devices Co.,Ltd.
█
APPLICATIONS
Medium Power Linear switching Applications.
█
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
█
ELECTRICAL CHARACTERISTICS(Ta=25℃)
Symbol
Characteristics
Min
Typ
Max Unit
Test Conditions
BVCEO
Collector-Emitter Breakdown Voltage -100
V
IC=-30mA, IB=0
HFE(1) *DC Current Gain
25
VCE=-4V, IC=-1A
HFE(2) *DC Current Gain
10
50
VCE=-4V, IC=-3A
VCE(sat) *Collector- Emitter Saturation Voltage
-1.2
V
IC=-3A, IB=-375mA
VBE(ON) *Base-Emitter On Voltage
-1.8
V
VCE=-4V, IC=-3A
ICEO
Collector Cut-off Current
-0.3
mA
VCB=-60V, IB=0
ICES
Collector Cut-off Current
-200
μA
VCE=-100V, VEB=0
IEBO
Emitter Cut-off Current
-1
mA
VEB=-5V, IC=0
fT
Current Gain-Bandwidth Product
3.0
MHz
VCE=-10V, IC=-0.5A,f=1MHz
*Pulse Test:PW≤300μs,Duty cycle≤2%
Tstg——Storage Temperature………………………… -55~150℃
Tj——Junction Temperature…………………………………150℃
PC——Collector Dissipation(Tc=25℃)……………………………30W
PC——Collector Dissipation(Ta=25℃)……………………………2W
VCBO——Collector-Base Voltage………………………………-100V
VCEO——Collector-Emitter Voltage……………………………-100V
VEBO——Emitter-Base Voltage………………………………-5V
IC——Collector Current(DC)………………………………………-3A
IC——Collector Current(Pulse)……………………………………-5A
Ib——Base Current………………………………………………-1A
1―Base,B
2―Collector,C
3―Emitter,E
TO-220F
HP32CF
PNP SILICON TRANSISTOR


Similar Part No. - HP32CF

ManufacturerPart #DatasheetDescription
logo
AIC tech Inc.
HP32C102MCAS2WPEC AICTECH-HP32C102MCAS2WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HP32C102MCXS7WPEC AICTECH-HP32C102MCXS7WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HP32C102MCYS5WPEC AICTECH-HP32C102MCYS5WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HP32C102MCZS3WPEC AICTECH-HP32C102MCZS3WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
HP32C122MCAS3WPEC AICTECH-HP32C122MCAS3WPEC Datasheet
82Kb / 4P
Useful of 4,000 hours at 85ºC
More results

Similar Description - HP32CF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MPS4250 ONSEMI-MPS4250 Datasheet
54Kb / 4P
Transistor(PNP Silicon)
1996
logo
STMicroelectronics
BD234 STMICROELECTRONICS-BD234 Datasheet
62Kb / 4P
SILICON PNP TRANSISTOR
May-1997
BSS44 STMICROELECTRONICS-BSS44_00 Datasheet
47Kb / 4P
SILICON PNP TRANSISTOR
Dec-2000
logo
GTM CORPORATION
GBC556 GTM-GBC556 Datasheet
183Kb / 2P
PNP SILICON TRANSISTOR
logo
AUK corp
DP500P AUK-DP500P Datasheet
53Kb / 3P
PNP Silicon Transistor
SBC327 AUK-SBC327_1 Datasheet
87Kb / 3P
PNP Silicon Transistor
SBC557 AUK-SBC557_1 Datasheet
97Kb / 3P
PNP Silicon Transistor
SBT2907A AUK-SBT2907A_1 Datasheet
193Kb / 4P
PNP Silicon Transistor
SBT2907AUF AUK-SBT2907AUF_1 Datasheet
169Kb / 3P
PNP Silicon Transistor
SBT2907F AUK-SBT2907F_1 Datasheet
192Kb / 4P
PNP Silicon Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com