Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS211900 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS211900
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS211900 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSS211900 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS211900 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3.5(H)mm, 2mm-travel Type
SSSS2 Series
Slide Switch
128
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
22
4-ø0.8 holes
22
22
8-ø0.8 holes
22
22
10-ø0.9 holes
2
2
2
10
2-poles, 2-positions
11
2-poles, 3-positions
Style
Photo
No.
PC board mounting hole dimensions
(Viewed from the direction A)
7
1-pole, 2-positions
8
1-pole, 3-positions
9
1-pole, 4-positions
Horizontal Actuator Type
Dimensions
Unit:mm
2.5 2.5
6-ø0.8 holes
2.5
2.5
3-ø0.8 holes
22
2
10-ø0.9 holes
2
2
12
2-poles, 4-positions
1.5
9
2
2.5 2.5
0.6
8.5
2
3.5
3.3
0.3
A
Travel
Terminal No.1
Operating force with detent : 1.5N
PC board
mounting face
a b c d
A
Travel
3.5
0.3
3.3
0.6
22 2 2
15
ab c
22
PC board
mounting face
Terminal No.
2
2
2
d
1.5
0.2
0.2
Operating force withdetent : b
a
bc
1.5N
cd
cb
ab
dc
2.5N
J
J
J
J
J
J
1
}
}
A
Travel
Operating force with detent : a
b 1.5N
ba
bc 2.5N
3.5
0.3
3.3
0.6
22 2 2
13
a b c
22
PC board
mounting face
Terminal No.
2
cb}}
J
J
J
J
1
1.5
A
Travel
Operating force with detent : 1.5N
2.5
9
2
1.5
PC board
mounting face
Terminal No.
2.5
0.6
3.5
0.3
3.3
2
8.5
1
A
Travel
3.5
0.3
3.3
0.6
22 2 2
15
a b c
2 2
PC board
mounting face
Terminal No.
2
2
2
d
1.5
0.2 0.2
Operating force withdetent : b
a
bc
1.5N
cd
cb
ab
dc
2.5N
}
}
J
J
J
J
1
J
J
A
Travel
Operating force with detent : a
b 1.5N
ba
bc
2.5N
3.5
0.3
3.3
0.6
22 2 2
13
a b c
2 2
1.5
PC board
mounting face
Terminal No.
2
J
J
J
J
1
cb }}



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com