Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS7A0202 Datasheet(PDF) 3 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS7A0202
Description  Slide Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS7A0202 Datasheet(HTML) 3 Page - ALPS ELECTRIC CO.,LTD.

  SSSS7A0202 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS7A0202 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS7A0202 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS7A0202 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS7A0202 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
125
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
Patten section
0.8
2
2
4
9.6
12.2
2-ø0.8 holes
22
10.2
4
1
Pattern section
2-ø0.8 holes
22
10.2
4
1
Pattern section
2
3
0.2
10.9
12.5
2-C0.
2
1.5
2
A
PC board
mounting face
Terminal No.
Travel
with detent
2
2
0.5
4
2
Operating force with detent
: 2.25N
: 2N
: 1.75N
Travel
momentary
a b c
b
c
c
b
b
a
J
J
J
a
1
F
c
1
2
3
4
F : Dummy terminal
c
12
3
1-pole, 2-positions
c
12
3
1-pole, 2-positions
Reflow
1-pole, 2-positions
Reflow
Double-side recoil type
c
12
3
4
1-pole, 3-positions
c
1
2
3
4
1-pole, 3-positions
Reflow
c
1
2
3
4
1-pole, 3-positions
Reflow
Single-side recoil type
Style
Photo
No.
PC board mounting hole dimensions
(Viewed from the direction A)
6
1-pole, 3-positions
Reflow
Single-side recoil type
7
1-poles, 3-positions
Reflow
Single-side recoil type
Dimensions
Circuit Diagram(Viewed from Direction A)
Unit:mm
8
Detail of a
PC board
mounting face
0.65
Unit:mm
1-pole, 2-positions
Reflow
Double-side recoil type
1-poles, 2-positions
Reflow
Double-side recoil type
1C
2
PC board
mounting face
Terminal No.1
Travel momentary
Travel with detent
0.25
3
2
a
10.9
2-C0.2
2 2
1.5
12.5
2
4
2
0.5
c
b
a
Operating force with detent : b J c 1.5N
a J b 1.6N
b J a 2.2N
A
10.4
1
3
11.6
0.5
1.5
1.5 min.
1.5 min.
4
22
Operating force with detent:1N
PC board mounting face
0.9 or 1.5
Terminal No.2
Travel momentary
Terminal No.1
A
2(H)mm, 1.5/2mm-travel Type
SSSS7 Series
Slide Switch



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com