Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SSSS812701 Datasheet(PDF) 1 Page - ALPS ELECTRIC CO.,LTD.

Part # SSSS812701
Description  Slide Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPS [ALPS ELECTRIC CO.,LTD.]
Direct Link  http://www.alps.com
Logo ALPS - ALPS ELECTRIC CO.,LTD.

SSSS812701 Datasheet(HTML) 1 Page - ALPS ELECTRIC CO.,LTD.

  SSSS812701 Datasheet HTML 1Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 2Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 3Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 4Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 5Page - ALPS ELECTRIC CO.,LTD. SSSS812701 Datasheet HTML 6Page - ALPS ELECTRIC CO.,LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
119
Other Use type
Small size
General Use type
Big size
General Use type
Detector
Push
Slide
Rotary
Encoders
Power
Dual-in-line
Package Type
TACT Switch
TM
Custom-
Products
1.4(H)mm, 1.5/2mm-travel Surface Mount Type
SSSS8 Series
A low-profile slide switch with 1.4mm thickness.
Slide Switch
Operating life
0.3A 4V DC/50
BA 3V DC
Refer to the dimensions.
70m
Ω max./130mΩ max.
10,000cycles
Rating
(max.)
/
(min.)
(Resistive load)
Items
Specifications
Contact resistance
(Initial performance/After lifetime)
Operating force
10,000cycles
(0.3A 4V DC)
Without load
With load
Typical Specifications
Not
specified
Without
With
Without
Vertical
Horizontal
1.5
t 0.8
2
3
2
3
2
3
2
t1.1
1
2
1
2
4
6
3
Actuator direction
Ground
terminal
Actuator
thickness
(mm)
Positions
Products
No.
Travel
(mm)
Drawing
No.
SSSS820101
SSSS820301
SSSS820201
SSSS820501
SSSS810701
SSSS811501
SSSS821801
Changeover
timing
Reflow
Soldering
7,200
18,000
10,000
18,000
Minimum order
unit
(pcs.)
Product Line
2
4
2
3
2
3
2
1
2
Poles
1
t 0.4
t1.1
5
3
4
7
8
SSSS812701
SSSS811101
SSSS812201
SSSS810201
SSSS810301
With
Taping Specification(Taping Packaging)
Reel Size
¿380
W
Unit:mm
Series
1,800
Vertical
3,600
7,200
25.4
24
4,500
Horizontal
1-pole, 2-positions
(1.5mm)
1-pole, 2-positions
(2mm)
1-pole, 3-positions
(1.5mm)
1-pole, 3-positions
(2mm)
1-pole, 4-positions
2-poles, 2-positions
9,000
18,000
2,500
5,000
10,000
17.4
16
25.4
24
Number of packages
(pcs.)
Reel
width
W
(mm)
Tape
width
(mm)
1 reel
1 case
/Japan
1 case
/export
packing
1. Products other than those listed in the above chart are also available. Please contact us for details.
2. Please place purchase orders per minimum order unit(integer).
Notes


Similar Part No. - SSSS812701

ManufacturerPart #DatasheetDescription
logo
ALPS ELECTRIC CO.,LTD.
SSSS812201 ALPS-SSSS812201 Datasheet
996Kb / 5P
A low-profile slide switch with 1.4mm thickness
More results

Similar Description - SSSS812701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SS60012F-0102-4V-NB ETC2-SS60012F-0102-4V-NB Datasheet
133Kb / 1P
Slide Switch
103-5006-EV ETC2-103-5006-EV Datasheet
134Kb / 1P
Slide Switch
105-SV68010F-23FT ETC2-105-SV68010F-23FT Datasheet
71Kb / 1P
Slide Switch
logo
ALPS ELECTRIC CO.,LTD.
SSSB021500 ALPS-SSSB021500 Datasheet
272Kb / 4P
Slide Switch
SSSF011700 ALPS-SSSF011700 Datasheet
317Kb / 5P
Slide Switch
SSSS213000 ALPS-SSSS213000 Datasheet
698Kb / 6P
Slide Switch
SSSS710100 ALPS-SSSS710100 Datasheet
455Kb / 5P
Slide Switch
SSSS912000 ALPS-SSSS912000 Datasheet
395Kb / 6P
Slide Switch
SSST010500 ALPS-SSST010500 Datasheet
245Kb / 2P
Slide Switch
SSSU011700 ALPS-SSSU011700 Datasheet
306Kb / 5P
Slide Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com