Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC4617EB Datasheet(PDF) 1 Page - Rohm

Part # 2SC4617EB
Description  General purpose small signal amplifier (50V, 0.15A)
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC4617EB Datasheet(HTML) 1 Page - Rohm

  2SC4617EB Datasheet HTML 1Page - Rohm 2SC4617EB Datasheet HTML 2Page - Rohm 2SC4617EB Datasheet HTML 3Page - Rohm 2SC4617EB Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1/3
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.C
General purpose small signal amplifier (50V, 0.15A)
2SC4617EB
Features
Dimensions (Unit : mm)
1) Excellent hFE linearity.
2) Complements the 2SA1774EB.
Structure
NPN silicon epitaxial
planar transistor
Absolute maximum (Ta=25
C)
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Power dissipation
Junction temperature
Range of storage temperature
Parameter
VCBO
VCEO
VEBO
PD
Tj
Tstg
60
V
V
V
mA
mW
°C
°C
50
7
150
IC
ICP
200
150
150
−55 to +150
Symbol
Limits
Unit
∗1
∗1 Pw=1ms Single pulse
∗2 Each terminal mounted on a recommended land
∗2
Electrical characteristics (Ta=25
C)
Collector-emitter breakdown voltage
Collector-base breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current gain
Output capacitance
Parameter
Symbol
BVCEO
BVCBO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
Min.
50
60
7
−
−
−
120
−
−
−
−
−
−
−
−
−
180
2
−
−
−
100
100
400
390
−
3.5
VIC=1mA
IC=50
μA
IE=50
μA
VCB=60V
VEB=7V
IC/IB=50mA/5mA
VCE=6V, IC=1mA
VCE=12V, IE=
−2mA, f=100MHz
VCE=12V, IE=0A, f=1MHz
V
V
nA
nA
mV
−
MHz
pF
Typ.
Max.
Unit
Conditions
Transition frequency
hFE rank categories
Rank
Q
R
hFE
120 to 270
180 to 390
(1) Base
(2) Emitter
(3) Collector
Each lead has same dimensions
1.6
0.26
0.5 0.5
1.0
(1)
(2)
(3)
0.7
0.13
EMT3F
Abbreviated symbol : B
∗ = Denotes hFE
∗


Similar Part No. - 2SC4617EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4617EB ROHM-2SC4617EB Datasheet
80Kb / 4P
General purpose small signal amplifier
2SC4617EB ROHM-2SC4617EB Datasheet
2Mb / 15P
General purpose small signal amplifier
2SC4617EB ROHM-2SC4617EB Datasheet
3Mb / 15P
General purpose small signal amplifier (50V,150mA)
20240920 - Rev.007
2SC4617EB ROHM-2SC4617EB Datasheet
3Mb / 15P
General purpose small signal amplifier (50V, 150mA)
Rev.005
2SC4617EBHZG ROHM-2SC4617EBHZG Datasheet
1Mb / 9P
General purpose small signal amplifier (50V, 150mA)
Rev.001
More results

Similar Description - 2SC4617EB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC4081UB ROHM-2SC4081UB_09 Datasheet
168Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
2SA1576UB ROHM-2SA1576UB_10 Datasheet
143Kb / 3P
General purpose small signal amplifier (50V, 0.15A)
2SC4081UB ROHM-2SC4081UB_10 Datasheet
146Kb / 4P
General purpose small signal amplifier (50V, 0.15A)
logo
Littelfuse
2SC5658T2LR LITTELFUSE-2SC5658T2LR Datasheet
109Kb / 4P
General purpose transistor (50V, 0.15A)
logo
Rohm
2SC4081U3HZG ROHM-2SC4081U3HZG Datasheet
1Mb / 10P
General purpose small signal amplifier(50V, 150mA)
2SC4617E3HZG ROHM-2SC4617E3HZG Datasheet
1Mb / 9P
General purpose small signal amplifier (50V,150mA)
20220607 - Rev.001
2SC2412KFRA ROHM-2SC2412KFRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4081FRA ROHM-2SC4081FRA Datasheet
1Mb / 9P
General purpose small signal amplifier(50V, 150mA)
20151009 - Rev.001
2SC4617FRA ROHM-2SC4617FRA Datasheet
1,005Kb / 9P
General purpose small signal amplifier (50V,150mA)
20190920 - Rev.002
2SC5658FHA ROHM-2SC5658FHA Datasheet
1Mb / 8P
General purpose small signal amplifier (50V, 150mA)
20160909 - Rev.001
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com