Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SCR552P Datasheet(PDF) 4 Page - Rohm

Part # 2SCR552P
Description  Midium Power Transistors (30V / 3A)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SCR552P Datasheet(HTML) 4 Page - Rohm

  2SCR552P_09 Datasheet HTML 1Page - Rohm 2SCR552P_09 Datasheet HTML 2Page - Rohm 2SCR552P_09 Datasheet HTML 3Page - Rohm 2SCR552P_09 Datasheet HTML 4Page - Rohm 2SCR552P_09 Datasheet HTML 5Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4/4
www.rohm.com
○
c
2009 ROHM Co., Ltd. All rights reserved.
2009.12 - Rev.A
Data Sheet
2SCR552P
Switching time test circuit
BASE CURENT WAVEFORM
COLLECTOR CURRENT
WAVEFORM
VIN
Pw
Pw 50μs
DUTY CYCLE
1%
tstg
IB1
IB2
90%
10%
ton
tf
IC
RL=6.7Ω
IB1
IB2
IC
VCC 10V
~_
~_



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com