Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT2X100D100J Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APT2X100D100J
Description  APT2X101D100J
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT2X100D100J Datasheet(HTML) 2 Page - Microsemi Corporation

  APT2X100D100J Datasheet HTML 1Page - Microsemi Corporation APT2X100D100J Datasheet HTML 2Page - Microsemi Corporation APT2X100D100J Datasheet HTML 3Page - Microsemi Corporation APT2X100D100J Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
APT2X101_100D100J
DYNAMIC CHARACTERISTICS
THERMAL AND MECHANICAL CHARACTERISTICS
Microsemi Reserves the right to change, without notice, the specifications and information contained herein.
Characteristic / Test Conditions
Junction-to-Case Thermal Resistance
Junction-to-Ambient Thermal Resistance
Package Weight
Maximum Terminal & Mounting Torque
Symbol
R
θJC
R
θJA
W
T
Torque
MIN
TYP
MAX
.41
20
1.03
29.2
10
1.1
UNIT
°C/W
oz
g
lb•in
N•m
MIN
TYP
MAX
-
43
-
300
-
800
-
7
-
-
360
-
4050
-
19
-
-
170
-
7400
-
70
UNIT
ns
nC
Amps
ns
nC
Amps
ns
nC
Amps
Characteristic
Reverse Recovery Time
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Reverse Recovery Time
Reverse Recovery Charge
Maximum Reverse Recovery Current
Symbol
t
rr
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
t
rr
Q
rr
I
RRM
Test Conditions
I
F = 100A, diF/dt = -200A/μs
V
R = 667V, TC = 25°C
I
F = 100A, diF/dt = -200A/μs
V
R = 667V, TC = 125°C
I
F = 100A, diF/dt = -1000A/μs
V
R = 667V, TC = 125°C
I
F = 1A, diF/dt = -100A/μs, VR = 30V, TJ = 25°C
0
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
10-5
10-4
10-3
10-2
0.1
1
RECTANGULAR PULSE DURATION (seconds)
FIGURE 1. MAXIMUM EFFECTIVE TRANSIENT THERMAL IMPEDANCE, JUNCTION-TO-CASE vs. PULSE DURATION
0.5
SINGLE PULSE
0.1
0.3
0.7
0.9
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com