Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4607 Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # MAX4607
Description  2.5Ω, Dual, SPST, CMOS Analog Switches
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4607 Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button MAX4607 Datasheet HTML 3Page - Maxim Integrated Products MAX4607 Datasheet HTML 4Page - Maxim Integrated Products MAX4607 Datasheet HTML 5Page - Maxim Integrated Products MAX4607 Datasheet HTML 6Page - Maxim Integrated Products MAX4607 Datasheet HTML 7Page - Maxim Integrated Products MAX4607 Datasheet HTML 8Page - Maxim Integrated Products MAX4607 Datasheet HTML 9Page - Maxim Integrated Products MAX4607 Datasheet HTML 10Page - Maxim Integrated Products MAX4607 Datasheet HTML 11Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
2.5
Ω, Dual, SPST,
CMOS Analog Switches
Maxim cannot assume responsibility for use of any circuitry other than circuitry entirely embodied in a Maxim product. No circuit patent licenses are
implied. Maxim reserves the right to change the circuitry and specifications without notice at any time.
Maxim Integrated Products, 120 San Gabriel Drive, Sunnyvale, CA 94086 408-737-7600 ____________________ 11
© 2010 Maxim Integrated Products
Maxim is a registered trademark of Maxim Integrated Products, Inc.
Revision History
REVISION
NUMBER
REVISION
DATE
DESCRIPTION
PAGES
CHANGED
2
3/10
Updated the maximum limits of the COM_ to NO_, COM_ to NC_ On-Resistance
Flatness parameter in the Electrical Characteristics—Single Supply table.
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com