Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX8570 Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX8570
Description  High-Efficiency LCD Boost with True Shutdown
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX8570 Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX8570 Datasheet HTML 1Page - Maxim Integrated Products MAX8570 Datasheet HTML 2Page - Maxim Integrated Products MAX8570 Datasheet HTML 3Page - Maxim Integrated Products MAX8570 Datasheet HTML 4Page - Maxim Integrated Products MAX8570 Datasheet HTML 5Page - Maxim Integrated Products MAX8570 Datasheet HTML 6Page - Maxim Integrated Products MAX8570 Datasheet HTML 7Page - Maxim Integrated Products MAX8570 Datasheet HTML 8Page - Maxim Integrated Products MAX8570 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
High-Efficiency LCD Boost
with True Shutdown
_______________________________________________________________________________________
3
EFFICIENCY vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
5.1
4.7
4.3
3.9
3.5
3.1
75
80
85
90
95
100
70
2.7
5.5
L1 = TOKO A914BYW-470M
47
µH, 1mA LOAD
47
µH, 5mA LOAD
L1 = MURATA LQH32CN220K23
22
µH, 5mA LOAD
22
µH, 1mA LOAD
Typical Operating Characteristics
(MAX8571, VCC = 3.6V, VOUT = 18V, Circuit of Figure 2, TA = +25
°C, unless otherwise noted.)
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE (MAX8571)
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
17.6
17.7
17.8
17.9
18.0
18.1
18.2
18.3
18.4
18.5
17.5
2.7
5.5
L1 = MURATA LQH32CN220K23
R1 = 3.9M
Ω, R2 = 287kΩ
5mA LOAD
1mA LOAD
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE (FIGURE 3, MAX8573)
SUPPLY VOLTAGE (V)
5.1
4.7
3.9
4.3
3.5
3.1
14.6
14.7
14.8
14.9
15.0
15.1
15.2
15.3
15.4
15.5
14.5
2.7
5.5
L1 = MURATA LQH32CN220K23
5mA LOAD
1mA LOAD
OUTPUT VOLTAGE
vs. SUPPLY VOLTAGE (MAX8574)
SUPPLY VOLTAGE (V)
4.6
4.3
4.0
3.7
3.4
17.2
18.2
18.0
17.8
17.6
17.4
18.4
18.6
18.8
19.0
17.0
3.1
4.9
L1 = TOKO S1024-100M
R1 = 1.1M
Ω, R2 = 75kΩ, C4 = 4.7pF
5mA LOAD
20mA LOAD
OUTPUT VOLTAGE
vs. LOAD CURRENT
LOAD CURRENT (mA)
20
15
5
10
17.6
17.8
18.0
18.2
18.4
18.6
18.8
19.0
17.4
025
L1 = MURATA LQH32CN220K23
R1 = 3.9M
Ω, R2 = 287kΩ, C4 = 10pF
MAX8570
MAX8571
MAX8574, R1 = 1.1M
Ω, R2 = 75kΩ, C4 = 4.7pF
OUTPUT VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
60
35
10
-15
17.7
17.8
17.9
18.0
18.1
18.2
18.3
18.4
17.6
-40
85
1mA LOAD
Note 1: Parameters are production tested at TA = +25°C. Limits over temperature are guaranteed by design.
Note 2: Specified currents are measured at DC. Actual LX current limits are slightly higher in circuit due to current-limit comparator
delay. Actual currents (with 2µH) are 110mA (MAX8570/MAX8572), 250mA (MAX8571/MAX8573), and 500mA
(MAX8574/MAX8575).
ELECTRICAL CHARACTERISTICS (continued)
(VCC = V SHDN = 3.6V, SW open, VFB = 1.3V (MAX8570/MAX8571/MAX8574) or VOUT = 16V (MAX8572/MAX8573/MAX8575), TA =
-40°C to +85°C, unless otherwise noted. Typical values are at TA = +25°C.) (Note 1)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC = 3.6V, VSW = 0V, VFB = 0V, ICC (peak)
0.45
0.75
1.10
SW PMOS Current Limit
VCC = 3.6V, VSW = 0V, VFB = 0V, ICC (average)
0.15
0.30
0.60
A
SW PMOS On-Resistance
VCC = 2.7V, VFB = 0V, ISW = 100mA
1.5
2.5
Ω
TA = +25
°C
0.01
1
SW PMOS Leakage Current
SW = GND, VCC = 5.5V, VFB = 0V
TA = -40
°C to +85°C
0.02
µA
SW Soft-Start Time
VCC = 2.7V, CSW = 4.7µF
0.2
1
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com