Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT50DL60S Datasheet(PDF) 4 Page - Microsemi Corporation

Part # APT50DL60S
Description  Ultrasoft Recovery Rectifi er Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT50DL60S Datasheet(HTML) 4 Page - Microsemi Corporation

  APT50DL60S Datasheet HTML 1Page - Microsemi Corporation APT50DL60S Datasheet HTML 2Page - Microsemi Corporation APT50DL60S Datasheet HTML 3Page - Microsemi Corporation APT50DL60S Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
APT50DL60B_S(G)
4
3
1
2
5
5
Zero
1
2
3
4
di
F/dt - Rate of Diode Current Change Through Zero Crossing.
I
F - Forward Conduction Current
I
RRM - Maximum Reverse Recovery Current.
trr - Reverse Recovery Time, measured from zero crossing where diode
Qrr - Area Under the Curve Defined by IRRM and trr.
current goes from positive to negative, to the point at which the straight
line through IRRM and 0.25 IRRM passes through zero.
Figure 9. Diode Test Circuit
Figure 10, Diode Reverse Recovery Waveform and Definitions
0.25 IRRM
CURRENT
TRANSFORMER
di
F/dt Adjust
D.U.T.
+18V
0V
trr/Qrr
Waveform
Slope = diM/dt
6
diM/dt - Maximum Rate of Current Increase During the Trailing Portion of trr.
6
Vr
TO-247 Package Outline
D
3PAK Package Outline
15.85 (.624)
16.05(.632)
18.70 (.736)
19.10 (.752)
1.15 (.045)
1.45 (.057)
5.45 (.215) BSC
(2 Plcs.)
4.90 (.193)
5.10 (.201)
1.45 (.057)
1.60 (.063)
2.70 (.106)
2.90 (.114)
0.40 (.016)
0.65 (.026)
Dimensions in Millimeters (Inches)
Heat Sink (Cathode)
and Leads
are Plated
2.40 (.094)
2.70 (.106)
(Base of Lead)
1.90 (.075)
2.10 (.083)
Cathode
Anode
0.020 (.001)
0.250 (.010)
1.20 (.047)
1.40 (.055)
12.40 (.488)
12.70 (.500)
13.30 (.524)
13.60(.535)
1.00 (.039)
1.15(.045)
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
10.90 (.430) BSC
3.50 (.138)
3.81 (.150)
4.69 (.185)
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
Dimensions in Millimeters and (Inches)
Anode
Cathode
e1 SAC: Tin, Silver, Copper
e1 100% Sn
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com