Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APT75DL60B Datasheet(PDF) 3 Page - Microsemi Corporation

Part # APT75DL60B
Description  Ultrasoft Recovery Rectifi er Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APT75DL60B Datasheet(HTML) 3 Page - Microsemi Corporation

  APT75DL60B Datasheet HTML 1Page - Microsemi Corporation APT75DL60B Datasheet HTML 2Page - Microsemi Corporation APT75DL60B Datasheet HTML 3Page - Microsemi Corporation APT75DL60B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
APT75DL60B_S(G)
TYPICAL PERFORMANCE CURVES
0
20
40
60
80
100
120
140
160
0
1
2
3
0
100
200
300
400
500
600
700
800
0
200
400
600
800
1000
Case Temperature (°C)
FIGURE 7, Maximum Average Forward Current vs. Case Temperature
-di
F/dt, CURRENT RATE OF CHANGE (A/μs)
FIGURE 5, Reverse Recovery Current vs. Current Rate of Change
0
20
40
60
80
100
120
140
160
25
50
75
100
125
150
175
0
5
10
15
20
25
30
35
40
45
50
0
200
400
600
800
1000
0
0.2
0.4
0.6
0.8
1.0
1.2
0
25
50
75
100
125
150
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
10000
0
200
400
600
800
1000
I
RRM
Q
RR
t
RR
150A
75A
37.5A
75A
T
J= 55°C
T
J= 150°C
V
F, ANODE-TO-CATHODE VOLTAGE (V)
FIGURE 2, Forward Current vs. Forward Voltage
T
J= 25°C
T
J= 125°C
-di
F/dt, CURRENT RATE OF CHANGE (A/μs)
FIGURE 3, Reverse Recovery Time vs. Current Rate of Change
T
J, JUNCTION TEMPERATURE (°C)
FIGURE 6, Dynamic Parameters vs Junction Temperature
0
100
200
300
400
500
600
700
1
10
100
400
V
R, REVERSE VOLTAGE (V)
FIGURE 8, Junction Capacitance vs. Reverse Voltage
T
J = 125°C
V
R = 400V
T
J = 125°C
V
R = 400V
-di
F/dt, CURRENT RATE OF CHANGE (A/μs)
FIGURE 4, Reverse Recovery Charge vs. Current Rate of Change
T
J = 125°C
V
R = 400V
75A
37.5A
37.5A
150A
150A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com