Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC60DAM24T1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTC60DAM24T1G
Description  Boost chopper Super Junction MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC60DAM24T1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTC60DAM24T1G Datasheet HTML 1Page - Microsemi Corporation APTC60DAM24T1G Datasheet HTML 2Page - Microsemi Corporation APTC60DAM24T1G Datasheet HTML 3Page - Microsemi Corporation APTC60DAM24T1G Datasheet HTML 4Page - Microsemi Corporation APTC60DAM24T1G Datasheet HTML 5Page - Microsemi Corporation APTC60DAM24T1G Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
APTC60DAM24T1G
www.microsemi.com
1 – 6
11
CR1
Q2
10
9
12
NTC
12
3
4
6
5
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
600
V
Tc = 25°C
95
ID
Continuous Drain Current
Tc = 80°C
70
IDM
Pulsed Drain current
260
A
VGS
Gate - Source Voltage
±20
V
RDSon
Drain - Source ON Resistance
24
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
462
W
IAR
Avalanche current (repetitive and non repetitive)
15
A
EAR
Repetitive Avalanche Energy
3
EAS
Single Pulse Avalanche Energy
1900
mJ
Application
•
AC and DC motor control
•
Switched Mode Power Supplies
•
Power Factor Correction
Features
•
-
Ultra low RDSon
-
Low Miller capacitance
-
Ultra low gate charge
-
Avalanche energy rated
-
Very rugged
•
Very low stray inductance
•
Internal thermistor for temperature monitoring
•
High level of integration
Benefits
•
Outstanding performance at high frequency operation
•
Direct mounting to heatsink (isolated package)
•
Low junction to case thermal resistance
•
Solderable terminals both for power and signal for
easy PCB mounting
•
Low profile
•
RoHS Compliant
Boost chopper
Super Junction MOSFET
Power Module
VDSS = 600V
RDSon = 24mΩ max @ Tj = 25°C
ID = 95A @ Tc = 25°C


Similar Part No. - APTC60DAM24T1G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTC60DAM24CT1G MICROSEMI-APTC60DAM24CT1G Datasheet
257Kb / 7P
Boost chopper Super Junction MOSFET Power Module
More results

Similar Description - APTC60DAM24T1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTC60DDAM35T3 ADPOW-APTC60DDAM35T3 Datasheet
338Kb / 6P
Dual boost chopper Super Junction MOSFET Power Module
APTC60DDAM70T3 ADPOW-APTC60DDAM70T3 Datasheet
338Kb / 6P
Dual boost chopper Super Junction MOSFET Power Module
APTC80DDA29T3 ADPOW-APTC80DDA29T3 Datasheet
336Kb / 6P
Dual boost chopper Super Junction MOSFET Power Module
logo
Microsemi Corporation
APTC80DDA15T3G MICROSEMI-APTC80DDA15T3G Datasheet
308Kb / 6P
Dual Boost chopper Super Junction MOSFET Power Module
APTC60VDAM45T1G MICROSEMI-APTC60VDAM45T1G Datasheet
256Kb / 7P
Dual boost chopper Super Junction MOSFET Power Module
APTC60DAM24CT1G MICROSEMI-APTC60DAM24CT1G Datasheet
257Kb / 7P
Boost chopper Super Junction MOSFET Power Module
APTC60DAM35T1G MICROSEMI-APTC60DAM35T1G Datasheet
318Kb / 6P
Boost chopper Super Junction MOSFET Power Module
APTC80DA15T1G MICROSEMI-APTC80DA15T1G Datasheet
318Kb / 6P
Boost chopper Super Junction MOSFET Power Module
APTC90DAM60CT1G MICROSEMI-APTC90DAM60CT1G Datasheet
226Kb / 6P
Boost chopper Super Junction MOSFET Power Module
APTC90DAM60T1G MICROSEMI-APTC90DAM60T1G Datasheet
209Kb / 5P
Boost chopper Super Junction MOSFET Power Module
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com