Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS5400IPZPR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5400IPZPR
Description  12-Bit, 1-GSPS Analog-to-Digital Converter
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5400IPZPR Datasheet(HTML) 4 Page - Texas Instruments

  ADS5400IPZPR Datasheet HTML 1Page - Texas Instruments ADS5400IPZPR Datasheet HTML 2Page - Texas Instruments ADS5400IPZPR Datasheet HTML 3Page - Texas Instruments ADS5400IPZPR Datasheet HTML 4Page - Texas Instruments ADS5400IPZPR Datasheet HTML 5Page - Texas Instruments ADS5400IPZPR Datasheet HTML 6Page - Texas Instruments ADS5400IPZPR Datasheet HTML 7Page - Texas Instruments ADS5400IPZPR Datasheet HTML 8Page - Texas Instruments ADS5400IPZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 48 page
background image
ADS5400
SLAS611B – OCT 2009 – REVISED MARCH 2010
www.ti.com
ELECTRICAL CHARACTERISTICS (continued)
Typical values at TA = 25°C, minimum and maximum values over full temperature range TMIN = –40°C to TMAX = 85°C,
sampling rate = 1 GSPS, 50% clock duty cycle, AVDD5 = 5 V, AVDD3 = 3.3 V, DVDD3 = 3.3 V, –1-dBFS differential input,
and 1.5 VPP differential clock (unless otherwise noted)
PARAMETER
TEST CONDITIONS/NOTES
MIN
TYP
MAX
UNIT
POWER SUPPLY(1)
5-V analog supply current (Bus A and
220
234
mA
B active)
I(AVDD5)
5-V analog supply current (Bus A
225
241
mA
active)
3.3-V analog supply current (Bus A
219
234
mA
and B active)
I(AVDD3)
3.3-V analog supply current (Bus A
226
242
mA
active)
fIN = 125 MHz,
fS = 1 GSPS
3.3-V digital supply current
136
154
mA
(Bus A and B active)
I(DVDD3)
3.3-V digital supply current
71
81
(Bus A active)
mA
Total power dissipation
2.28
2.45
W
(BUS A and B active)
Total power dissipation
2.15
2.25
W
(Bus A active)
Total power dissipation
ENPWD = logic High (sleep enabled)
13
50
mW
Wake-up time from sleep
1.8
ms
1MHz injected to each supply,
PSRR
Power-supply rejection ratio
50
dB
measured without external decoupling
DYNAMIC AC CHARACTERISTICS
fIN = 125 MHz
57
58.5
fIN = 600 MHz
56.5
58.2
SNR
Signal-to-noise ratio
fIN = 850 MHz
56
57.8
dBFS
fIN = 1200 MHz
57.6
fIN = 1700 MHz
55.7
fIN = 125 MHz
65
75
fIN = 600 MHz
63
72
SFDR
Spurious-free dynamic range
fIN = 850 MHz
60
71
dBc
fIN = 1200 MHz
66
fIN = 1700 MHz
56
fIN = 125 MHz
65
78
fIN = 600 MHz
63
78
HD2
Second harmonic
fIN = 850 MHz
60
71
dBc
fIN = 1200 MHz
66
fIN = 1700 MHz
56
fIN = 125 MHz
65
80
fIN = 600 MHz
63
72
HD3
Third harmonic
fIN = 850 MHz
60
72
dBc
fIN = 1200 MHz
70
fIN = 1700 MHz
65
(1)
All power values assume LVDS output current is set to 3.5mA.
4
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): ADS5400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com