Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5970DAPR Datasheet(PDF) 21 Page - Texas Instruments

Part # TLC5970DAPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970DAPR Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLC5970DAPR Datasheet HTML 17Page - Texas Instruments TLC5970DAPR Datasheet HTML 18Page - Texas Instruments TLC5970DAPR Datasheet HTML 19Page - Texas Instruments TLC5970DAPR Datasheet HTML 20Page - Texas Instruments TLC5970DAPR Datasheet HTML 21Page - Texas Instruments TLC5970DAPR Datasheet HTML 22Page - Texas Instruments TLC5970DAPR Datasheet HTML 23Page - Texas Instruments TLC5970DAPR Datasheet HTML 24Page - Texas Instruments TLC5970DAPR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 48 page
background image
I
I
(mA)
OUTn
OLCMax
(mA)=
´
DCn
127d
´
BC
127d
TLC5970
www.ti.com
SBVS140 – MARCH 2010
Equation 2 determines each output (OUTn) sink current:
Where:
IOLCMax = the maximum channel current for each channel determined by RIREFn
DCn = the decimal dot correction value for each OUTn in the DC latch (DCn = 0d to 127d)
BC = the decimal brightness control value in the brightness control latch (BC = 0d to 127d)
(2)
DC, BC, and function current control data are shown in Table 2, Table 3, and Table 4, respectively.
Table 2. DC Data versus Current Ratio and Set Current Value
SET CURRENT
RATIO TO
DC DATA
DC DATA
DC DATA
BC DATA
MAXIMUM
150 mA IOLCMax
10 mA IOLCMax
(Binary)
(Decimal)
(Hex)
(Hex)
CURRENT (%)
(mA, Typical)
(mA, Typical)
000 0000
0
00
7F
0
0
0
000 0001
1
01
7F
0.8
1.18
0.08
000 0010
2
02
7F
1.6
2.36
0.16
—
—
—
—
—
—
—
111 1101
125
7D
7F
98.4
147.64
9.84
111 1110
126
7E
7F
99.2
148.82
9.92
111 1111
127
7F
7F
100.0
150.00
10.00
Table 3. BC Data versus Current Ratio and Set Current Value
SET CURRENT
RATIO TO
BC DATA
BC DATA
BC DATA
DC DATA
MAXIMUM
150 mA IOLCMax
10 mA IOLCMax
(Binary)
(Decimal)
(Hex)
(Hex)
CURRENT (%)
(mA, Typical)
(mA, Typical)
000 0000
0
00
7F
0
0
0
000 0001
1
01
7F
0.8
1.18
0.08
000 0010
2
02
7F
1.6
2.36
0.16
—
—
—
—
—
—
—
111 1101
125
7D
7F
98.4
147.64
9.84
111 1110
126
7E
7F
99.2
148.82
9.92
111 1111
127
7F
7F
100.0
150.00
10.00
Table 4. DC and BC Data versus Current Ratio and Set Current Value
SET CURRENT RATIO
BC DATA
DC DATA
TO MAXIMUM CURRENT
150 mA IOLCMax
10 mA IOLCMax
(Hex)
(Hex)
(%)
(mA, Typical)
(mA, Typical)
00
00
0
0
0
01
01
0
0.01
0
02
02
0.01
0.04
0
—
—
—
—
—
7D
7D
96.88
145.31
9.69
7E
7E
98.43
147.65
9.84
7F
7F
100.0
150.00
10.00
Copyright © 2010, Texas Instruments Incorporated
Submit Documentation Feedback
21
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com