Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5970RHPR Datasheet(PDF) 32 Page - Texas Instruments

Part # TLC5970RHPR
Description  3-Channel, 12-Bit, PWM LED Driver with Buck DC/DC Converter and Differential Signal Interface
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5970RHPR Datasheet(HTML) 32 Page - Texas Instruments

Back Button TLC5970RHPR Datasheet HTML 28Page - Texas Instruments TLC5970RHPR Datasheet HTML 29Page - Texas Instruments TLC5970RHPR Datasheet HTML 30Page - Texas Instruments TLC5970RHPR Datasheet HTML 31Page - Texas Instruments TLC5970RHPR Datasheet HTML 32Page - Texas Instruments TLC5970RHPR Datasheet HTML 33Page - Texas Instruments TLC5970RHPR Datasheet HTML 34Page - Texas Instruments TLC5970RHPR Datasheet HTML 35Page - Texas Instruments TLC5970RHPR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 48 page
background image
4
40-BitCommonShiftRegister(Default=0h)
LSB
0
1
Latch
Data
Bit0
Latch
Data
Bit1
¼
2
Latch
Data
Bit2
Latch
Address
Bit3
MSB
39
38
Latch
Address
Bit2
37
36
35
34
Latch
Data
Bit34
Latch
Data
Bit35
Latch
Address
Bit0
Latch
Address
Bit1
33
Latch
Data
Bit33
Shiftoutdatatothe
differentiallinedriver.
SOUT
Shiftindatafromthe
differentialsignalreceiver.
SIN
SCLK
Shiftclockfromthe
differentialsignalreceiver.
GrayscaleFirstDataLatch(Default=0)
LSB
0
1
OUT0
GS
Bit0
OUT0
GS
Bit1
OUT2
GS
Bit11
MSB
35
34
33
¼
OUT2
GS
Bit9
OUT2
GS
Bit10
2
OUT0
GS
Bit2
LatchAddress
4-BitDecoder
LatchAddressBits(4Bits)
LatchData(36Bits)
0
1
2
35
34
33
Address=0000b
0
1
2
35
34
33
GrayscaleSecondDataLatch(Default=0)
StatusInformationData(SID)ReadOutRegister
EEPROMDataReadOutRegister
EEPROM1WriteDataLatch
EEPROM2WriteDataLatch
DotCorrectionDataLatch(Default=DatainEEPROM2)
FunctionControlDataLatch
(Default=007Fh)
LSB
0
LSB
0
LSB
0
LSB
0
LSB
0
LSB
0
LSB
0
1
1
1
1
1
1
OUT0
GS
Bit0
PH
On-Duty
Bit0
OUT2
DC
Bit0
OUT0
DC
Bit0
Brightness
Bit0
OUT0
GS
Bit1
PH
On-Duty
Bit1
OUT2
DC
Bit1
OUT0
DC
Bit1
OUT2
GS
Bit11
TI
Reserved
Bit30
Write
Command
Bit7
Write
Command
Bit7
MSB
35
MSB
35
MSB
35
MSB
35
MSB
35
OUT2
DC
Bit6
MSB
20
DCData
Load
Control
MSB
11
34
34
34
34
34
33
33
33
33
33
19
¼
¼
¼
¼
¼
¼
OUT2
GS
Bit9
OUT2
DC
Bit5
6
¼
Brightness
Bit6
OUT2
GS
Bit10
2
2
2
2
2
2
OUT0
GS
Bit2
PH
On-Duty
Bit2
OUT2
DC
Bit2
OUT0
DC
Bit2
Address=1001b
Address=1010b
Address=1011b
Address=1100b
Address=1101b
Address=1110b
Address=1111b
RestartOperation
FromOVP/SCPError
TI
Reserved
Bit29
TI
Reserved
Bit28
Over
Voltage
Protection
Short-
Circuit
Protection
LED
Open
Detection
Latchpulsefromthe
pulsegenerator
(thelatchpulseisgenerated
aftertheprogrammedtime
setbythedatainthefunction
controldatalatchfromthe
lastshiftclockwhenthe
autorefreshbitis ‘1’).
36
0
1
2
35
34
33
0
1
2
35
34
33
0
1
2
35
34
33
36
0
1
2
35
34
33
0
1
2
35
34
33
14
TI
Reserved
Bit0
Latch
Delay
Time
Bit3
Latch
Delay
Time
Bit2
OUT0
DC
Bit2
OUT0
DC
Bit1
OUT0
DC
Bit0
0
1
2
20
19
Write
Command
Bit6
Write
Command
Bit5
21
36-Bit
EEPROM
35
36
¼
0
11
6
GlobalBrightnessControl
SecondDataLatch
(Default=7Fh)
LSB
0
Brightness
Bit0
MSB
6
¼
Brightness
Bit6
Lower31
36
Lower20
Lower12
ToBuck
Converter
Block
ToLatchPulse
Generator
Block
ToDifferential
SignalInterface
Block
8
4
2
Latchpulsefromthedisplaytimingcontrolblock.
(Thislatchpulseisgeneratedattheendofonedisplay
periodorthetimingofthedisplaytimingresetwhenthe
autorefreshbitis ‘1’.Also,whentheautorefresh
bitis ‘0’,thelatchpulseisgeneratedwhenthegrayscale
orglobalbrightnesscontroldataarewritten.
Write
Command
Bit6
Write
Command
Bit5
TLC5970
SBVS140 – MARCH 2010
www.ti.com
Figure 25. Register and Data Latch Configuration
32
Submit Documentation Feedback
Copyright © 2010, Texas Instruments Incorporated
Product Folder Link(s): TLC5970



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com