Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC90AM60SCTG Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTC90AM60SCTG
Description  Phase leg Series & SiC parallel diodes Super Junction MOSFET Power Module
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC90AM60SCTG Datasheet(HTML) 5 Page - Microsemi Corporation

  APTC90AM60SCTG Datasheet HTML 1Page - Microsemi Corporation APTC90AM60SCTG Datasheet HTML 2Page - Microsemi Corporation APTC90AM60SCTG Datasheet HTML 3Page - Microsemi Corporation APTC90AM60SCTG Datasheet HTML 4Page - Microsemi Corporation APTC90AM60SCTG Datasheet HTML 5Page - Microsemi Corporation APTC90AM60SCTG Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
APTC90AM60SCTG
www.microsemi.com
5 – 6
0.9
0.7
0.5
0.3
0.1
0.05
Single Pulse
0
0.05
0.1
0.15
0.2
0.25
0.3
0.00001
0.0001
0.001
0.01
0.1
1
10
rectangular Pulse Duration (Seconds)
Maximum Effective Transient Thermal Impedance, Junction to Case vs Pulse Duration
5V
6V
0
80
160
240
0
5
10
15
20
VDS, Drain to Source Voltage (V)
Low Voltage Output Characteristics
VGS=20, 8V
0
10
20
30
40
50
60
25
50
75
100
125
150
TC, Case Temperature (°C)
DC Drain Current vs Case Temperature
900
925
950
975
1000
25
50
75
100
125
TJ, Junction Temperature (°C)
Breakdown Voltage vs Temperature
Maximum Safe Operating Area
10 ms
100 µs
1
10
100
1000
1
10
100
1000
VDS, Drain to Source Voltage (V)
limited by RDSon
Single pulse
TJ=150°C
TC=25°C
Ciss
Crss
Coss
1
10
100
1000
10000
100000
0
25 50 75 100 125 150 175 200
VDS, Drain to Source Voltage (V)
Capacitance vs Drain to Source Voltage
0
2
4
6
8
10
0
100
200
300
400
500
600
Gate Charge (nC)
Gate Charge vs Gate to Source Voltage
VDS=400V
ID=52A
TJ=25°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com