Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTC90DAM60T1G Datasheet(PDF) 5 Page - Microsemi Corporation

Part # APTC90DAM60T1G
Description  Boost chopper Super Junction MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTC90DAM60T1G Datasheet(HTML) 5 Page - Microsemi Corporation

  APTC90DAM60T1G Datasheet HTML 1Page - Microsemi Corporation APTC90DAM60T1G Datasheet HTML 2Page - Microsemi Corporation APTC90DAM60T1G Datasheet HTML 3Page - Microsemi Corporation APTC90DAM60T1G Datasheet HTML 4Page - Microsemi Corporation APTC90DAM60T1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
APTC90DAM60T1G
www.microsemi.com
5 – 5
Hard
switching
ZCS
ZVS
0
100
200
300
400
20
25
30
35
40
45
50
ID, Drain Current (A)
Operating Frequency vs Drain Current
VDS=600V
D=50%
RG=3.8Ω
TJ=125°C
TC=75°C
Switching Energy vs Current
Eon
Eoff
0
2
4
6
8
10
20
30
40
50
60
70
80
ID, Drain Current (A)
VDS=600V
RG=3.8Ω
TJ=125°C
L=100µH
ON resistance vs Temperature
0.5
1.0
1.5
2.0
2.5
3.0
25
50
75
100
125
150
TJ, Junction Temperature (°C)
Switching Energy vs Gate Resistance
Eon
Eoff
0
1
2
3
4
5
6
7
0
5
10
15
20
Gate Resistance (Ohms)
VDS=600V
ID=52A
TJ=125°C
L=100µH
“COOLMOS™ comprise a new family of transistors developed by Infineon Technologies AG. “COOLMOS” is a trademark of Infineon
Technologies AG”.
Microsemi reserves the right to change, without notice, the specifications and information contained herein
Microsemi's products are covered by one or more of U.S patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583 4,748,103
5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. U.S and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com