Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BA7606FS Datasheet(PDF) 8 Page - Rohm

Part # BA7606FS
Description  Triple Circuits Video Signal Switchers
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA7606FS Datasheet(HTML) 8 Page - Rohm

  BA7606FS Datasheet HTML 1Page - Rohm BA7606FS Datasheet HTML 2Page - Rohm BA7606FS Datasheet HTML 3Page - Rohm BA7606FS Datasheet HTML 4Page - Rohm BA7606FS Datasheet HTML 5Page - Rohm BA7606FS Datasheet HTML 6Page - Rohm BA7606FS Datasheet HTML 7Page - Rohm BA7606FS Datasheet HTML 8Page - Rohm BA7606FS Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Catalog No.08T295A '08.8 ROHM ©
※When you order , please order in times the amount of package quantity.
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
E2
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
<Tape and Reel information>
Reel
Direction of feed
1pin
(Unit:mm)
SSOP-A16
<Dimension>
6.6
±0.2
0.36
±0.1
1
16
8
9
0.8
0.15
±0.1
0.1
(Unit:mm)
SSOP-B16
<Dimension>
9
8
16
1
5.0
± 0.2
0.15
± 0.1
0.22
± 0.1
0.65
0.1
<Tape and Reel information>
Tape
Quantity
Direction
of feed
Embossed carrier tape
2500pcs
E2
(The direction is the 1pin of product is at the upper left when you hold
reel on the left hand and you pull out the tape on the right hand)
Reel
Direction of feed
1pin
※When you order , please order in times the amount of package quantity.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com