Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD2056AFJ Datasheet(PDF) 10 Page - Rohm

Part # BD2056AFJ
Description  2ch Small Current Output USB High Side Switch ICs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD2056AFJ Datasheet(HTML) 10 Page - Rohm

Back Button BD2056AFJ Datasheet HTML 6Page - Rohm BD2056AFJ Datasheet HTML 7Page - Rohm BD2056AFJ Datasheet HTML 8Page - Rohm BD2056AFJ Datasheet HTML 9Page - Rohm BD2056AFJ Datasheet HTML 10Page - Rohm BD2056AFJ Datasheet HTML 11Page - Rohm BD2056AFJ Datasheet HTML 12Page - Rohm BD2056AFJ Datasheet HTML 13Page - Rohm BD2056AFJ Datasheet HTML 14Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
BD2046AFJ, BD2056AFJ
Technical Note
10/13
www.rohm.com
2009.05 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
V/EN
VOUT
IOUT
V/OC
Output shortcircuit
Thermal shut down
delay
Fig.38 Over current detection, thermal shutdown timing
(BD2046AFJ)
VEN
VOUT
IOUT
V/OC
Output shortcircuit
Thermal shut down
delay
Fig.39 Over current detection, thermal shutdown timing
(BD2056AFJ)
Typical application circuit
ON/OFF
OC
OC
ON/OFF
GND
IN
/EN1
(EN1)
/OC1
OUT1
OUT2
/OC2
10k~100k
5V(Typ)
OUT
IN
VBUS
D+
D-
GND
Data
Regulator
USB Controller
BD2046AFJ/56AFJ
CL
Ferrite
Beads
Data
/EN2
(EN2)
10k~100k
CIN
Data
CL
Fig.40 Typical application circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com