Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTGF200DA120D3G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTGF200DA120D3G
Description  Boost chopper NPT IGBT Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTGF200DA120D3G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTGF200DA120D3G Datasheet HTML 1Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 2Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 3Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 4Page - Microsemi Corporation APTGF200DA120D3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTGF200DA120D3G
www.microsemi.com
1- 5
Absolute maximum ratings
Symbol
Parameter
Max ratings
Unit
VCES
Collector - Emitter Breakdown Voltage
1200
V
TC = 25°C
300
IC
Continuous Collector Current
TC = 80°C
200
ICM
Pulsed Collector Current
TC = 25°C
400
A
VGE
Gate – Emitter Voltage
±20
V
PD
Maximum Power Dissipation
TC = 25°C
1400
W
RBSOA Reverse Bias Safe Operating Area
Tj = 125°C
400A@1150V
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
1
2
3
Q2
6
7
VCES = 1200V
IC = 200A @ Tc = 80°C
Application
AC and DC motor control
Switched Mode Power Supplies
Power Factor Correction
Features
Non Punch Through (NPT) FAST IGBT
- Low voltage drop
- Low tail current
- Switching frequency up to 50 kHz
- Soft recovery parallel diodes
- Low diode VF
- Low leakage current
- RBSOA and SCSOA rated
Kelvin emitter for easy drive
High level of integration
M6 power connectors
Benefits
Stable temperature behavior
Very rugged
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Easy paralleling due to positive TC of VCEsat
RoHS Compliant
Boost chopper
NPT IGBT Power Module


Similar Part No. - APTGF200DA120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF200A120D3G MICROSEMI-APTGF200A120D3G Datasheet
218Kb / 5P
Phase leg NPT IGBT Power Module
APTGF200SK120D3G MICROSEMI-APTGF200SK120D3G Datasheet
217Kb / 5P
Buck Chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U120D ADPOW-APTGF200U120D Datasheet
291Kb / 6P
Single Switch with Series diodes NPT IGBT Power Module
logo
Microsemi Corporation
APTGF200U120DG MICROSEMI-APTGF200U120DG Datasheet
267Kb / 6P
Single Switch with Series diodes NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF200U60D4 ADPOW-APTGF200U60D4 Datasheet
264Kb / 5P
Single switch NPT IGBT Power Module
More results

Similar Description - APTGF200DA120D3G

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
APTGF50DA120TG MICROSEMI-APTGF50DA120TG Datasheet
286Kb / 6P
Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF75DA60D1 ADPOW-APTGF75DA60D1 Datasheet
173Kb / 3P
Boost Chopper NPT IGBT Power Module
APTGF90DA60D1 ADPOW-APTGF90DA60D1 Datasheet
173Kb / 3P
Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF90DA60TG MICROSEMI-APTGF90DA60TG Datasheet
287Kb / 6P
Boost chopper NPT IGBT Power Module
APTGF100DA120TG MICROSEMI-APTGF100DA120TG Datasheet
286Kb / 6P
Boost chopper NPT IGBT Power Module
logo
Advanced Power Technolo...
APTGF165DA60D1 ADPOW-APTGF165DA60D1 Datasheet
173Kb / 3P
Boost Chopper NPT IGBT Power Module
logo
Microsemi Corporation
APTGF180DA60TG MICROSEMI-APTGF180DA60TG Datasheet
287Kb / 6P
Boost chopper NPT IGBT Power Module
APTGF350DA60G MICROSEMI-APTGF350DA60G Datasheet
274Kb / 6P
Boost chopper NPT IGBT Power Module
APTGF90DA60T1G MICROSEMI-APTGF90DA60T1G Datasheet
318Kb / 6P
Boost chopper NPT IGBT Power Module
APTGF100DA120T1G MICROSEMI-APTGF100DA120T1G Datasheet
281Kb / 5P
Boost chopper NPT IGBT Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com