Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD3537F Datasheet(PDF) 7 Page - Rohm

Part # BD3537F
Description  Termination Regulators for DDR-SDRAMs
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD3537F Datasheet(HTML) 7 Page - Rohm

Back Button BD3537F Datasheet HTML 3Page - Rohm BD3537F Datasheet HTML 4Page - Rohm BD3537F Datasheet HTML 5Page - Rohm BD3537F Datasheet HTML 6Page - Rohm BD3537F Datasheet HTML 7Page - Rohm BD3537F Datasheet HTML 8Page - Rohm BD3537F Datasheet HTML 9Page - Rohm BD3537F Datasheet HTML 10Page - Rohm BD3537F Datasheet HTML 11Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/10
●
Heat loss
Thermal design must be conducted with the operation under the conditions listed below (which are the guaranteed
temperature range requiring consideration on appropriate margins etc.):
1. Ambient temperature Ta: 100°C or lower
2. Chip junction temperature Tj: 150°C or lower
The chip junction temperature Tj can be considered as follows. See Page 9/9 for θja.
Most of heat loss in BD3537F occurs at the output N-channel FET. The power lost is determined by multiplying the voltage
between VIN and Vo by the output current. As this IC employs the power PKG, the thermal derating characteristics
significantly depends on the pc board conditions. When designing, care must be taken to the size of a pc board to be used.
Power dissipation (W) = {Input voltage (VTT_IN) – Output voltage (VTT≒REF)}×Io (Ave)
If VTT_IN = 1.8volts, REF=0.9volts, and Io (Ave)=0.5 A, for instance, the power dissipation is determined as follows:
Power dissipation (W) = {1.8 (V) – 0.9 (V)} × 0.5 (A) = 0.4 (W)
●
NOTE FOR USE
1.Absolute maximum ratings
For the present product, thoroughgoing quality control is carried out, but in the event that applied voltage, working
temperature range, and other absolute maximum rating are exceeded, the present product may be destroyed. Because it is
unable to identify the short mode, open mode, etc., if any special mode is assumed, which exceeds the absolute maximum
rating, physical safety measures are requested to be taken, such as fuses, etc.
2.GND potential
Bring the GND terminal potential to the minimum potential in any operating condition.
3.Thermal design
Consider allowable loss (Pd) under actual working condition and carry out thermal design with sufficient margin provided.
4.Terminal-to-terminal short-circuit and erroneous mounting
When the present IC is mounted to a printed circuit board, take utmost care to direction of IC and displacement. In the event
that the IC is mounted erroneously, IC may be destroyed. In the event of short-circuit caused by foreign matter that enters in
a clearance between outputs or output and power-GND, the IC may be destroyed.
5.Operation in strong electromagnetic field
The use of the present IC in the strong electromagnetic field may result in maloperation, to which care must be taken.
6.Built-in thermal shutdown protection circuit
The present IC incorporates a thermal shutdown protection circuit (TSD circuit). The working temperature is 175°C
(standard value) and has a -15°C (standard value) hysteresis width. When the IC chip temperature rises and the TSD circuit
operates, the output terminal is brought to the OFF state. The built-in thermal shutdown protection circuit (TSD circuit) is first
and foremost intended for interrupt IC from thermal runaway, and is not intended to protect and warrant the IC.
Consequently, never attempt to continuously use the IC after this circuit is activated or to use the circuit with the activation of
the circuit premised.
7.Capacitor across output and GND
In the event a large capacitor is connected across output and GND, when Vcc and VIN are short-circuited with 0V or GND for
some kind of reasons, current charged in the capacitor flows into the output and may destroy the IC. Use a capacitor smaller
than 1000 μF between output and GND.
8.Inspection by set substrate
In the event a capacitor is connected to a pin with low impedance at the time of inspection with a set substrate, there is a fear
of applying stress to the IC. Therefore, be sure to discharge electricity for every process. As electrostatic measures,
provide grounding in the assembly process, and take utmost care in transportation and storage. Furthermore, when the set
substrate is connected to a jig in the inspection process, be sure to turn OFF power supply to connect the jig and be sure to
turn OFF power supply to remove the jig.
9. Inputs to IC terminals
This device is a monolithic IC with P
+ isolation between P-substrate and each element as illustrated below. This P-layer and
the N-layer of each element form a PN junction which works as:
・
a diode if the electric potentials at the terminals satisfy the following relationship; GND>Terminal A>Terminal B, or
・
a parasitic transistor if the electric potentials at the terminals satisfy the following relationship; Terminal B>GND Terminal A.
The structure of the IC inevitably forms parasitic elements, the activation of which may cause interference among circuits,
and/or malfunctions contributing to breakdown. It is therefore requested to take care not to use the device in such manner
that the voltage lower than GND (at P-substrate) may be applied to the input terminal, which may result in activation of
parasitic elements.
Resistor
Transistor (NPN)
N
N
N
P
+
P
+
P
P substrate
GND
Parasitic element
Pin A
N
N
P
+
P
+
P
P substrate
GND
Parasitic element
Pin B
C
B
E
N
GND
Pin A
Parasitic
element
Pin B
Other adjacent elements
E
B
C
GND
Parasitic
element



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com