Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA3842AM Datasheet(PDF) 3 Page - Wing Shing Computer Components

Part # KA3842AM
Description  Linear Integrated Circuit(CURRENT-MODE PWM CONTROLLER)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

KA3842AM Datasheet(HTML) 3 Page - Wing Shing Computer Components

  KA3842AM Datasheet HTML 1Page - Wing Shing Computer Components KA3842AM Datasheet HTML 2Page - Wing Shing Computer Components KA3842AM Datasheet HTML 3Page - Wing Shing Computer Components KA3842AM Datasheet HTML 4Page - Wing Shing Computer Components KA3842AM Datasheet HTML 5Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Pad Location
Chip size: 2.38 x 1.63 mm
Pad
Coordinates
µµm
Pad
Coordinates
µµm
N
X
Y
N
X
Y
1
90
110
5
1680
1450
2
1050
110
6
1310
1410
3
1310
110
4
2000
150
7
815
1410
8
460
1390
3
KA3842A/KA3842AM



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com