Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM100H40FT3G Datasheet(PDF) 2 Page - Microsemi Corporation

Part # APTM100H40FT3G
Description  Full - Bridge MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM100H40FT3G Datasheet(HTML) 2 Page - Microsemi Corporation

  APTM100H40FT3G Datasheet HTML 1Page - Microsemi Corporation APTM100H40FT3G Datasheet HTML 2Page - Microsemi Corporation APTM100H40FT3G Datasheet HTML 3Page - Microsemi Corporation APTM100H40FT3G Datasheet HTML 4Page - Microsemi Corporation APTM100H40FT3G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
APTM100H40FT3G
www.microsemi.com
2 – 5
All ratings @ Tj = 25°C unless otherwise specified
Electrical Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tj = 25°C
250
IDSS
Zero Gate Voltage Drain Current
VDS = 1000V
VGS = 0V
Tj = 125°C
1000
µA
RDS(on)
Drain – Source on Resistance
VGS = 10V, ID = 18A
400
480
m
Ω
VGS(th)
Gate Threshold Voltage
VGS = VDS, ID = 2.5mA
3
4
5
V
IGSS
Gate – Source Leakage Current
VGS = ±30 V
±100
nA
Dynamic Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Ciss
Input Capacitance
7868
Coss
Output Capacitance
825
Crss
Reverse Transfer Capacitance
VGS = 0V
VDS = 25V
f = 1MHz
104
pF
Qg
Total gate Charge
305
Qgs
Gate – Source Charge
55
Qgd
Gate – Drain Charge
VGS = 10V
VBus = 500V
ID = 18A
145
nC
Td(on)
Turn-on Delay Time
44
Tr
Rise Time
40
Td(off)
Turn-off Delay Time
150
Tf
Fall Time
Resistive switching @ 25°C
VGS = 15V
VBus = 667V
ID = 18A
RG = 2.2Ω
38
ns
Source - Drain diode ratings and characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
Tc = 25°C
21
IS
Continuous Source current
(Body diode)
Tc = 80°C
16
A
VSD
Diode Forward Voltage
VGS = 0V, IS = - 18A
1.1
V
dv/dt
Peak Diode Recovery
25
V/ns
Tj = 25°C
300
trr
Reverse Recovery Time
Tj = 125°C
650
ns
Tj = 25°C
1.61
Qrr
Reverse Recovery Charge
IS = - 18A
VR = 100V
diS/dt = 100A/µs
Tj = 125°C
4.21
µC
dv/dt numbers reflect the limitations of the circuit rather than the device itself.
IS ≤ - 16A
di/dt
≤ 1000A/µs
VDD ≤ 667V
Tj ≤ 125°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com