Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APTM120A80FT1G Datasheet(PDF) 1 Page - Microsemi Corporation

Part # APTM120A80FT1G
Description  Phase leg MOSFET Power Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

APTM120A80FT1G Datasheet(HTML) 1 Page - Microsemi Corporation

  APTM120A80FT1G Datasheet HTML 1Page - Microsemi Corporation APTM120A80FT1G Datasheet HTML 2Page - Microsemi Corporation APTM120A80FT1G Datasheet HTML 3Page - Microsemi Corporation APTM120A80FT1G Datasheet HTML 4Page - Microsemi Corporation APTM120A80FT1G Datasheet HTML 5Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
APTM120A80FT1G
www.microsemi.com
1 – 5
1
8
7
Q1
Q2
56
3
4
11
NTC
12
9
10
2
Pins 1/2 ; 3/4 ; 5/6 must be shorted together
Absolute maximum ratings
These Devices are sensitive to Electrostatic Discharge. Proper Handling Procedures Should Be Followed. See application note
APT0502 on www.microsemi.com
Symbol
Parameter
Max ratings
Unit
VDSS
Drain - Source Breakdown Voltage
1200
V
Tc = 25°C
14
ID
Continuous Drain Current
Tc = 80°C
10
IDM
Pulsed Drain current
90
A
VGS
Gate - Source Voltage
±30
V
RDSon
Drain - Source ON Resistance
960
m
Ω
PD
Maximum Power Dissipation
Tc = 25°C
357
W
IAR
Avalanche current (repetitive and non repetitive)
12
A
Application
Welding converters
Switched Mode Power Supplies
Uninterruptible Power Supplies
Motor control
Features
Power MOS 8™ Fast FREDFETs
-
Low RDSon
-
Low input and Miller capacitance
-
Low gate charge
-
Fast intrinsic reverse diode
-
Avalanche energy rated
-
Very rugged
Very low stray inductance
-
Symmetrical design
Internal thermistor for temperature monitoring
High level of integration
Benefits
Outstanding performance at high frequency operation
Direct mounting to heatsink (isolated package)
Low junction to case thermal resistance
Solderable terminals both for power and signal for
easy PCB mounting
Low profile
RoHS Compliant
Phase leg
MOSFET Power Module
VDSS = 1200V
RDSon = 800mΩ typ @ Tj = 25°C
ID = 14A @ Tc = 25°C


Similar Part No. - APTM120A80FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
Phase leg MOSFET Power Module
logo
Microsemi Corporation
APTM120A15FG MICROSEMI-APTM120A15FG Datasheet
280Kb / 7P
Phase leg MOSFET Power Module
logo
Advanced Power Technolo...
APTM120A20D ADPOW-APTM120A20D Datasheet
300Kb / 6P
Phase leg with Series diodes MOSFET Power Module
logo
Microsemi Corporation
APTM120A20DG MICROSEMI-APTM120A20DG Datasheet
271Kb / 6P
Phase leg with Series diodes MOSFET Power Module
APTM120A20SG MICROSEMI-APTM120A20SG Datasheet
272Kb / 6P
Phase leg Series & parallel diodes MOSFET Power Module
More results

Similar Description - APTM120A80FT1G

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
APTM20AM04F ADPOW-APTM20AM04F Datasheet
285Kb / 6P
Phase leg MOSFET Power Module
APTM50AM19F ADPOW-APTM50AM19F Datasheet
288Kb / 6P
Phase leg MOSFET Power Module
APTM50AM35FT ADPOW-APTM50AM35FT Datasheet
301Kb / 6P
Phase leg MOSFET Power Module
APTM20AM10FT ADPOW-APTM20AM10FT Datasheet
312Kb / 6P
Phase leg MOSFET Power Module
APTM120A15F ADPOW-APTM120A15F Datasheet
303Kb / 6P
Phase leg MOSFET Power Module
APTM120A29FT ADPOW-APTM120A29FT Datasheet
313Kb / 6P
Phase Leg MOSFET Power Module
logo
Microsemi Corporation
APTM10AM05FTG MICROSEMI-APTM10AM05FTG Datasheet
285Kb / 6P
Phase leg MOSFET Power Module
APTM20AM04FG MICROSEMI-APTM20AM04FG Datasheet
280Kb / 6P
Phase leg MOSFET Power Module
APTM100A18FTG MICROSEMI-APTM100A18FTG Datasheet
291Kb / 6P
Phase leg MOSFET Power Module
APTM50A15FT1G MICROSEMI-APTM50A15FT1G Datasheet
194Kb / 5P
Phase leg MOSFET Power Module
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com