Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF460B Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ARF460B
Description  RF POWER MOSFET N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF460B Datasheet(HTML) 4 Page - Microsemi Corporation

  ARF460B Datasheet HTML 1Page - Microsemi Corporation ARF460B Datasheet HTML 2Page - Microsemi Corporation ARF460B Datasheet HTML 3Page - Microsemi Corporation ARF460B Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF460AG/BG
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743 and foreign patents. US and Foreign patents pending. All Rights Reserved.
TO-247 Package Outline
L1
C1
R2
R1
DUT
L2
L3
C3
C4
C7
C6
C2
C8
C9
L4
125V
+
-
RF
Output
RF
Input
C1 -- 2000 pF 100V NPO chip
mounted at gate lead
C2-C5 -- Arco 463 Mica trimmer
C6-C8 -- .1
μF 500V ceramic chip
C9 -- 2200 pF 500V chip
L1 -- 4t #20 AWG .25"ID .3 "L ~80nH
L2 -- 6t #16 AWG .312" ID .4"L ~185nH
L3 -- 15t #24 AWG .25"ID ~.85uH
L4 -- VK200-4B ferrite choke 3uH
R1-R2 -- 51 Ohm 0.5W Carbon
DUT = ARF460A/B
40.68 MHz Test Circuit
+
-
Bias
0 - 12V
C5
Gate ------- Drain
Source ---- Source
Drain ------- Gate
Device
ARF- A
ARF- B
NOTE:
These two parts comprise a symmetric pair of RF
power transistors and meet the same electrical specifications.
The device pin-outs are the mirror image of each other to
allow ease of use as a push-pull pair.
15.49 (.610)
16.26 (.640)
5.38 (.212)
6.20 (.244)
6.15 (.242) BSC
4.50 (.177) Max.
19.81 (.780)
20.32 (.800)
20.80 (.819)
21.46 (.845)
1.65 (.065)
2.13 (.084)
1.01 (.040)
1.40 (.055)
3.50 (.138)
3.81 (.150)
2.87 (.113)
3.12 (.123)
4.69 .185
5.31 (.209)
1.49 (.059)
2.49 (.098)
2.21 (.087)
2.59 (.102)
0.40 (.016)
0.79 (.031)
5.45 (.215) BSC
Dimensions in Millimeters and (Inches)
2-Plcs.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com