Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF461A Datasheet(PDF) 2 Page - Microsemi Corporation

Part # ARF461A
Description  RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF461A Datasheet(HTML) 2 Page - Microsemi Corporation

  ARF461A Datasheet HTML 1Page - Microsemi Corporation ARF461A Datasheet HTML 2Page - Microsemi Corporation ARF461A Datasheet HTML 3Page - Microsemi Corporation ARF461A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
30
45
60
75
90
105
120
FREQUENCY (MHz)
Figure 1, Typical Gain vs Frequency
Class C
V
DD = 150V
P
out = 150W
30
25
20
15
10
5
0
ARF461A/B
1 Pulse Test: Pulse width < 380 μS, Duty Cycle < 2%
APT Reserves the right to change, without notice, the specifications and information contained herein.
1
10
100
1000
8
6
4
2
0
0
2
4
6
8
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 2, Typical Capacitance vs. Drain-to-Source Voltage
5000
1000
500
100
50
10
.1
.5
1
5
10
50
200
V
DS, DRAIN-TO-SOURCE VOLTAGE (VOLTS)
Figure 4, Typical Maximum Safe Operating Area
V
GS, GATE-TO-SOURCE VOLTAGE (VOLTS)
Figure 3, Typical Transfer Characteristics
V
DS> ID (ON) x RDS (ON)MAX.
250μSEC. PULSE TEST
@ <0.5 % DUTY CYCLE
T
J = -55°C
T
J = -55°C
T
J = +125°C
T
J = +25°C
T
C =+25°C
T
J =+150°C
SINGLE PULSE
OPERATION HERE
LIMITED BY R
DS
(ON)
C
iss
C
oss
C
rss
26
10
5
1
.5
.1
1mS
10mS
100mS
DC
100uS
Dynamic Characteristics
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
C
ISS
Input Capacitance
V
GS = 0V
V
DS = 50V
f = 1MHz
1700
pF
C
oss
Output Capacitance
175
C
rss
Reverse Transfer Capacitance
50
t
d(on)
Turn-On Delay Time
V
GS = 15V
V
DD = 0.5VDSS
I
D = ID (Cont.) @ 25°C
R
G = 1.6Ω
8
ns
t
r
Rise Time
5
t
d(off)
Turn-off Delay Time
21
t
f
Fall Time
10.1
Functional Characteristics
Symbol
Characteristic
Test Conditions
Min
Typ
Max
Unit
G
PS
Common Source Amplifier Power Gain
f = 40.68MHz
V
GS = 0V
V
DD = 250V
P
OUT = 150W
13
15
dB
η
Drain Efficiency
70
75
%
Ψ
Electrical Ruggedness VSWR 10:1
No Degradation in Output Power



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com