Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF466A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # ARF466A
Description  RF POWER MOSFETs N-CHANNEL ENHANCEMENT MODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF466A Datasheet(HTML) 4 Page - Microsemi Corporation

  ARF466A Datasheet HTML 1Page - Microsemi Corporation ARF466A Datasheet HTML 2Page - Microsemi Corporation ARF466A Datasheet HTML 3Page - Microsemi Corporation ARF466A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ARF466A_B
TO
-264 (L) Package Outline
19.51 (.768)
20.50 (.807)
19.81 (.780)
21.39 (.842)
25.48 (1.003)
26.49 (1.043)
2.29 (.090)
2.69 (.106)
0.76 (.030)
1.30 (.051)
3.10 (.122)
3.48 (.137)
4.60 (.181)
5.21 (.205)
1.80 (.071)
2.01 (.079)
2.59 (.102)
3.00 (.118)
0.48 (.019)
0.84 (.033)
Dimensions in Millimeters and (Inches)
2.29 (.090)
2.69 (.106)
5.79 (.228)
6.20 (.244)
2.79 (.110)
3.18 (.125)
5.45 (.215) BSC
2-Plcs.
ARF - A
Device
ARF - B
Gate
Drain
Source
Source
Drain
Gate
Dimensions in Millimeters and (Inches)
NOTE: These two parts comprise a symmetric pair of RF
power
transistors
and
meet
the
same
electrical
specifications. The device pin-outs are the mirror image
of each other to allow ease of use as a push-pull pair.
L1
C1
R1
R2
R3
DUT
L2
L3
C3
C4
C7
C6
C2
C8
C9
L4
150V
+
-
RF
Output
RF
Input
40.68 MHz Test Circuit
+
-
Bias
0-12V
C5
TL1
C1 -- 2200 pF ATC 700B
C2-C5 -- Arco 465 Mica trimmer
C6-C8 -- .1
μF 500V ceramic chip
C9 -- 3x 2200 pF 500V chips COG
L1 -- 4t #22 AWG .25"ID .25 "L ~87nH
L2 -- 5t #16 AWG .312" ID .35"L ~176nH
L3 -- 10t #24 AWG .25"ID ~.5
μH
L4 -- VK200-4B ferrite choke 3
μH
R1- R3 -- 1k W 0.5
Ω Carbon
TL1 -- 38
Ω t-line .175 x 1 in long
C1 .45" from gate pin.
DUT = ARF466A/B
Microsemi’s products are covered by one or more of U.S. patents 4,895,810 5,045,903 5,089,434 5,182,234 5,019,522 5,262,336 6,503,786 5,256,583
4,748,103 5,283,202 5,231,474 5,434,095 5,528,058 6,939,743, 7,352,045 5,283,201 5,801,417 5,648,283 7,196,634 6,664,594 7,157,886 6,939,743 7,342,262
and foreign patents. US and Foreign patents pending. All Rights Reserved.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com