Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARF477FL Datasheet(PDF) 3 Page - Microsemi Corporation

Part # ARF477FL
Description  RF POWER MOSFET N-CHANNEL PUSH - PULL PAIR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

ARF477FL Datasheet(HTML) 3 Page - Microsemi Corporation

  ARF477FL Datasheet HTML 1Page - Microsemi Corporation ARF477FL Datasheet HTML 2Page - Microsemi Corporation ARF477FL Datasheet HTML 3Page - Microsemi Corporation ARF477FL Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ARF477FL
Figure 5b, TRANSIENT THERMAL IMPEDANCE MODEL
0
0.05
0.10
0.15
0.20
0.25
10-5
10-4
10-3
10-2
10
1.0
-1
0.3
D = 0.9
SINGLE PULSE
RECTANGULAR PULSE DURATION (SECONDS)
Figure 5a, Maximum Effective Transient Thermal Impedance, Junction-To-Case vs Pulse Duration
0.5
0.1
0.05
Peak TJ = PDM x ZθJC + TC
Duty Factor D =
t1/t
2
t2
t1
Note:
0.7
Dissipated Power
(Watts)
T
J (˚C)
T
C (˚C)
Z
EXT are the external thermal
impedances: Case to sink,
sink to ambient, etc. Set to
zero when modeling only
the case to junction.
.0915
.108
.0111F
.133F
Freq. (MHz)
Z
in (Ω)ZOUT (Ω)
40
60
80
1.5 - j 10
1.9 - j 1.3
2.2 - j 0.82
24 - j 37
13 - j 29
7.9 - j 24
Z
IN - Gate shunted with 100Ω
I
dq = 0
Z
OL - Conjugate of optimum load for 400 Watts output at Vdd=125V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com