Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC9904 Datasheet(PDF) 5 Page - Microsemi Corporation

Part # GC9904
Description  Schottky Barrier Diodes TM For Mixers and Detectors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC9904 Datasheet(HTML) 5 Page - Microsemi Corporation

  GC9904 Datasheet HTML 1Page - Microsemi Corporation GC9904 Datasheet HTML 2Page - Microsemi Corporation GC9904 Datasheet HTML 3Page - Microsemi Corporation GC9904 Datasheet HTML 4Page - Microsemi Corporation GC9904 Datasheet HTML 5Page - Microsemi Corporation GC9904 Datasheet HTML 6Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
GC9901 – GC9944
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 5
Schottky Barrier Diodes
For Mixers and Detectors
TM
®
Copyright
 2006
Rev: 2009-01-19
RoHS Compliant
PACKAGE STYLE 127A
PACKAGE STYLE 128A
PACKAGE STYLE 127B
PACKAGE STYLE 128B
PACKAGE STYLE 127C
PACKAGE STYLE 128C
NON HERM ETIC EPOXY CO A T E D P A C K A G ES



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com