Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GCX1211 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GCX1211
Description  VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GCX1211 Datasheet(HTML) 1 Page - Microsemi Corporation

  GCX1211 Datasheet HTML 1Page - Microsemi Corporation GCX1211 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GCX1202 – GCX1217
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Copy
Rev: 2009-01-19
right
 2007
RoHS Compliant
VARACTOR DIODES
Surface Mount SOT23 Abrupt Junction
TM
®
DESCRIPTION
The GC1200 - 23 series varactors are silicon abrupt junction devices.
They provide the highest Q and lowest series resistance available in a 30
volt silicon device. They are ideal for narrow to moderate frequency
bandwidth applications, and are available in values suitable for HF
through 1500 MHz. The economical SOT23 package is ideal for
commercial surface mount construction and is available in single (23-0)
and common cathode (23 - 4) configurations. Some limitations apply,
consult factory for availability.
This series of diodes meets RoHS requirements per EU Directive
2002/95/EC. Consult the factory for details. The GCX1200 – 23 series
of SOT23 devices supersede the GC1200 – 23 series.
APPLICATIONS
The GC1200 series varactors are used for narrow to moderate bandwidth
tuning. They are available in values appropriate for HF through 1.5GHz
frequencies.
These devices are best used in low phase noise voltage
controlled oscillators, low loss voltage variable filters and phase shifters.
Standard capacitance tolerance is ±10%. Consult table below for standard
configurations.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Working Voltage
VR
30
V
Maximum Leakage Current @25 Volts
IR
0.02 @ 25 ºC
2.0 @125 ºC
uA
Thermal Coefficient of Capacitance @4 Volts
TCC
300
ppm/ ºC
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
KEY FEATURES
 Highest Q
 Lowest RS
 Large selection of capacitance
values to chose from
 Low phase noise
 RoHS Compliant
1
APPLICATIONS/BENEFITS
 HF through UHF Band VCOs
 VVF (Voltage Variable Filters)
 Phase Shifters
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information.
These devices are ESD sensitive and must be handled using ESD precautions.
1 Unless otherwise specified, these products
are supplied with Gold terminations suitable
for RoHS compliant assembly.


Similar Part No. - GCX1211

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GCX-26 GOLLEDGE-GCX-26 Datasheet
530Kb / 4P
Low Frequency Cylindrical Leaded Crystal
GCX-39 GOLLEDGE-GCX-39 Datasheet
58Kb / 1P
High Frequency Cylindrical Crystal
GCX-39 GOLLEDGE-GCX-39 Datasheet
535Kb / 4P
High Frequency Cylindrical Leaded Crystal
GCX-39/351DF GOLLEDGE-GCX-39/351DF Datasheet
58Kb / 1P
High Frequency Cylindrical Crystal
GCX-39/551S3 GOLLEDGE-GCX-39/551S3 Datasheet
58Kb / 1P
High Frequency Cylindrical Crystal
More results

Similar Description - GCX1211

ManufacturerPart #DatasheetDescription
logo
Knox Semiconductor, Inc
MV1620 KNOX-MV1620 Datasheet
33Kb / 1P
ABRUPT VARACTOR DIODES
MV1652 KNOX-MV1652 Datasheet
32Kb / 1P
ABRUPT VARACTOR DIODES
MV830 KNOX-MV830 Datasheet
33Kb / 1P
ABRUPT VARACTOR DIODES
SMV2101 KNOX-SMV2101 Datasheet
35Kb / 1P
PLASTIC SURFACE MOUNT GENERAL PURPOSE ABRUPT VARACTOR DIODES
logo
Microsemi Corporation
GC1500A MICROSEMI-GC1500A Datasheet
122Kb / 2P
30 VOLT ABRUPT JUNCTION VARACTOR DIODES
logo
Advanced Semiconductor
AT6017-10 ASI-AT6017-10 Datasheet
16Kb / 1P
SILICON ABRUPT JUNCTION TUNING VARACTOR
AT6022B-15 ASI-AT6022B-15 Datasheet
21Kb / 1P
SILICON ABRUPT JUNCTION VARACTOR
logo
Skyworks Solutions Inc.
SMV1470-004 SKYWORKS-SMV1470-004 Datasheet
153Kb / 4P
Abrupt Junction Tuning Varactor
logo
Microsemi Corporation
MV20001 MICROSEMI-MV20001 Datasheet
154Kb / 2P
GaAs Varactor Diodes Abrupt Junction
logo
M/A-COM Technology Solu...
MGV050-X MA-COM-MGV050-X Datasheet
433Kb / 4P
GaAs Abrupt Varactor Diodes
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com