Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GG71420 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GG71420
Description  ABSORPTIVE SPST SWITCH with TTL Driver
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GG71420 Datasheet(HTML) 1 Page - Microsemi Corporation

  GG71420 Datasheet HTML 1Page - Microsemi Corporation GG71420 Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
GG71420
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
ABSORPTIVE SPST SWITCH with TTL Driver
TM
®
RoHS Compliant
Copyright
 2006
Rev.: 2009-02-02
IMPORTANT: For the most current data, consult MICROSEMI’s website:
www.MICROSEMI.com
These devices are ESD sensitive and must be handled use using ESD precautions.
DESCRIPTION
Microsemi – Lowell’s switch modules provide an economical way of
achieving a switch function from UHF through Ku band. These switch
modules provide broadband, high performance characteristics in a
small package. Our catalog parts are basic examples of our
capability. We will be glad to explore your specific requirements with
the goal of providing custom parts for your needs.
This series of modules meets RoHS requirements per EU Directive
2002/95/EC. The standard terminal finish is gold unless otherwise
specified. Consult the factory if you have special requirements.
APPLICATIONS/BENEFITS
 Coax Assembly
 Broadband (0.5 – 18 GHz)
KEY FEATURES
Multi Octave Frequency
Ranges
Hermetically Sealed
Coaxial Connections
Consistent VSWR
Internal TTL Driver
RoHS Compliant
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +95
ºC
RF CW Power Handling
PCW
0.5
W


Similar Part No. - GG71420

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
REFLECTIVE SPST SWITCH with TTL Driver
More results

Similar Description - GG71420

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SW65-0014 MACOM-SW65-0014 Datasheet
212Kb / 2P
GaAs SPST Absorptive Switch with ASIC Driver, DC - 3.0 GHz
MASW-007076-000100 MACOM-MASW-007076-000100 Datasheet
193Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
SW65-0014 MA-COM-SW65-0014 Datasheet
114Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
MASW-007076-000100 MA-COM-MASW-007076-000100 Datasheet
115Kb / 4P
GaAs SPST Absorptive Switch with ASIC Driver, DC-3.0 GHz
logo
Microsemi Corporation
GG71120 MICROSEMI-GG71120 Datasheet
91Kb / 2P
ABSORPTIVE SPST SWITCH MODULES with Bias Circuit
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG71220 MICROSEMI-GG71220 Datasheet
97Kb / 3P
ABSORPTIVE SPST SWITCH MODULES with TTL Driver
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
REFLECTIVE SPST SWITCH with TTL Driver
GG72220 MICROSEMI-GG72220 Datasheet
86Kb / 2P
ABSORPTIVE SPDT SWITCH MODULES with TTL Driver
GG72420 MICROSEMI-GG72420 Datasheet
100Kb / 3P
ABSORPTIVE SPDT SWITCH with TTL Driver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com