Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HUM2001 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # HUM2001
Description  PIN DIODE High Power Stud
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

HUM2001 Datasheet(HTML) 2 Page - Microsemi Corporation

  HUM2001 Datasheet HTML 1Page - Microsemi Corporation HUM2001 Datasheet HTML 2Page - Microsemi Corporation HUM2001 Datasheet HTML 3Page - Microsemi Corporation HUM2001 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
HUM2001 – HUM2020
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
RoHS Compliant Versions Available
TM
®
Copyright
 2006
Rev: 2009-05-14
PIN DIODE
High Power Stud
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Parameter
Symbol
Conditions
MIN.
TYPICAL
MAX.
Units
Total Capacitance
CT
VR = 100V, F = 1 MHz
3.4
4.0
pF
Series Resistance
RS
IF = 500 mA, F = 4 MHz
0.1
0.2
Ohms
Carrier Lifetime
TL
IF = 10 mA/100 V
10
30
μs
Reverse Current
IR
VR = Voltage rating
10
μA
Parallel Resistance
RP
f = 10MHz, VR = 100V
200
kOhms
Forward Voltage
VF
IF = 500mA
0.85
1.0
V
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Parameter
Symbol
Limits
Units
Average Power Dissipation
PD
13
W
Non-Repetitive Sinusoidal Surge Current (8.3 ms)
I
100
A
Storage Temperature Range
TSTG
-65 to + 175
°C
Operating Temperature Range
TOP
-65 to + 175
°C
Thermal resistance Junction-to Case
“C” Stud Only
RθJC
7.5
°C/W



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com