Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JTDB75 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # JTDB75
Description  75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

JTDB75 Datasheet(HTML) 1 Page - Microsemi Corporation

  JTDB75 Datasheet HTML 1Page - Microsemi Corporation JTDB75 Datasheet HTML 2Page - Microsemi Corporation JTDB75 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MICROSEMI RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE. MICROSEMI RECOMMENDS THAT BEFORE THE PRODUCT(S) DESCRIBED HEREIN ARE WRITTEN
INTO SPECIFICATIONS, OR USED IN CRITICAL APPLICATIONS, THAT THE PERFORMANCE CHARACTERISTICS BE VERIFIED BY CONTACTING THE FACTORY.
Microsemi 3000 Oakmead Village Drive, Santa Clara, CA 95051-0808 Tel. 408 / 986-8031 Fax 408 / 986-8120
JTDB75
75 Watts, 36 Volts, Pulsed
Avionics 960 - 1215 MHz
GENERAL DESCRIPTION
The JTDB75 is a high power COMMON BASE bipolar transistor.
It is
designed for pulsed systems in the frequency band 960-1215 MHz. The device
has gold thin-film metallization and diffused ballasting for proven highest
MTTF.
The transistor includes input and output prematch for broadband
capability.
Low thermal resistance package reduces junction temperature,
extends life.
CASE OUTLINE
55AW, Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C2
220 W
Maximum Voltage and Current
Collector to Base Voltage (BVces)
55 V
Emitter to Base Voltage (BVebo)
3.5 V
Collector Current (Ic)
8.0 A
Maximum Temperatures
Storage Temperature
-65 to +200
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
F
= 960-1215 MHz
75
W
Pin
Power Input
Vcc = 36 Volts
15
W
Pg
Power Gain
PW = 10
µsec, Note 1
7.0
8.2
dB
η
c
Collector Efficiency
DF = 40%, Note 1
40
%
VSWR
1
Load Mismatch Tolerance
F = 1090 MHz
3:1
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 30 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 30 mA
55
V
hFE
DC – Current Gain
Vce = 5V, Ic = 1A
20
100
θjc2
Thermal Resistance
0.8
°C/W
NOTE 1: At rated output power and pulse conditions
2. At rated pulse conditions
.
Rev A: Dec 2009


Similar Part No. - JTDB75

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
JTDB75 ETC-JTDB75 Datasheet
230Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
JTDB75 GHZTECH-JTDB75 Datasheet
233Kb / 3P
High power COMMON BASE bipolar transistor.
More results

Similar Description - JTDB75

ManufacturerPart #DatasheetDescription
logo
GHz Technology
TAN150 GHZTECH-TAN150 Datasheet
168Kb / 2P
150 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
List of Unclassifed Man...
JTDB25 ETC-JTDB25 Datasheet
110Kb / 2P
25 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDB75 ETC-JTDB75 Datasheet
230Kb / 3P
75 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
JTDA50 ETC1-JTDA50 Datasheet
25Kb / 1P
50 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN300 ETC1-TAN300 Datasheet
240Kb / 3P
300 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
GHz Technology
JTDA150A GHZTECH-JTDA150A Datasheet
267Kb / 3P
145 Watts, 36 Volts, Pulsed Avionics 960 - 1215 MHz
TAN75A GHZTECH-TAN75A Datasheet
273Kb / 3P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
0912-7 GHZTECH-0912-7 Datasheet
332Kb / 3P
7 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
logo
Microsemi Corporation
JTDB25 MICROSEMI-JTDB25 Datasheet
187Kb / 3P
25 Watts, 36 Volts, Pulsed Avionics, 960-1215 MHz
TAN75A MICROSEMI-TAN75A Datasheet
540Kb / 4P
75 Watts, 50 Volts, Pulsed Avionics 960 - 1215 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com