Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP5100 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP5100
Description  1.2A Step-Down Converter with 1.4MHz Switching Frequency
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP5100 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP5100 Datasheet HTML 1Page - Diodes Incorporated AP5100 Datasheet HTML 2Page - Diodes Incorporated AP5100 Datasheet HTML 3Page - Diodes Incorporated AP5100 Datasheet HTML 4Page - Diodes Incorporated AP5100 Datasheet HTML 5Page - Diodes Incorporated AP5100 Datasheet HTML 6Page - Diodes Incorporated AP5100 Datasheet HTML 7Page - Diodes Incorporated AP5100 Datasheet HTML 8Page - Diodes Incorporated AP5100 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AP5100
1.2A Step-Down Converter with 1.4MHz Switching
Frequency
AP5100
4 of 12
MARCH 2010
Document number: DS32130 Rev. 1 - 2
www.diodes.com
© Diodes Incorporated
Pin Descriptions
Pin Name
Pin #
Description
BST
1
Bootstrap. To form a boost circuit, a capacitor is connected between SW and BST
pins to form a floating supply across the power switch driver. This capacitor is needed
to drive the power switch’s gate above the supply voltage. Typical values for CBST
range from 0.1uF to 1uF.
GND
2
Ground. This pin is the voltage reference for the regulated output voltage. All control
circuits are referenced to this pin. For this reason care must be taken in its layout.
FB
3
Feedback. To set the output voltage, connect this pin to the output resistor divider or
directly to VOUT. To prevent current limit run away during a current limit condition, the
frequency foldback comparator lowers the oscillator frequency when the FB voltage is
below 400mV.
EN
4
On/Off Control Input. Do not leave this pin floating. To turn the device ON, pull EN
above 1.2V and to turn it off pull below 0.4V.
If enable/disable is not used, connect a 100kOhm resistor between EN to VIN.
IN
5
Supply Voltage. The AP5100 operates from a +4.75V to +24V unregulated input. A
decoupling capacitor C1 is required to prevent large voltage spikes from appearing at
the input. Place this capacitor near the IC.
SW
6
Switch Output. This is the reference for the floating top gate driver.
Absolute Maximum Ratings
(Note 3)
Symbol
Description
Rating
Unit
ESD HBM
Human Body Model ESD Protection
3
KV
ESD MM
Machine Model ESD Protection
300
V
VIN
Supply Voltage
26
V
VSW
Switch Voltage
-0.3 to
VIN + 0.3
V
VBST
Boost Voltage
VSW + 6
V
All Other Pins
–0.3 to +6
V
TST
Storage Temperature
-65 to +150
°C
TJ
Junction Temperature
+150
°C
TL
Lead Temperature
+260
°C
θ
JA
Junction to Ambient Thermal Resistance (Note 4)
140
°C/W
θ
JC
Junction to Case Thermal Resistance (Note 4)
35
°C/W
Notes:
3. Exceeding these ratings may damage the device.
4. Test condition for SOT26: Measured on approximately 1” square of 1 oz copper.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com