Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT690BP5 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DXT690BP5
Description  45V NPN HIGH GAIN TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT690BP5 Datasheet(HTML) 4 Page - Diodes Incorporated

  DXT690BP5 Datasheet HTML 1Page - Diodes Incorporated DXT690BP5 Datasheet HTML 2Page - Diodes Incorporated DXT690BP5 Datasheet HTML 3Page - Diodes Incorporated DXT690BP5 Datasheet HTML 4Page - Diodes Incorporated DXT690BP5 Datasheet HTML 5Page - Diodes Incorporated DXT690BP5 Datasheet HTML 6Page - Diodes Incorporated DXT690BP5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
DXT690BP5
Document number: DS31801 Rev. 2 - 2
4 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT690BP5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
V(BR)CBO
60
⎯
⎯
V
IC = 100μA, IE = 0
Collector-Emitter Breakdown Voltage (Note 7)
V(BR)CEO
45
⎯
⎯
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
5
⎯
⎯
V
IE = 100μA, IC = 0
Collector Cutoff Current
ICBO
⎯
⎯
20
nA
VCB = 35V, IE = 0
Collector Cutoff Current
ICES
⎯
⎯
20
nA
VCB = 35V, VBE = 0
Emitter Cutoff Current
IEBO
⎯
⎯
20
nA
VEB = 4V, IC = 0
ON CHARACTERISTICS (Note 7)
Collector-Emitter Saturation Voltage
VCE(SAT)
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
85
360
320
350
mV
IC = 1A, IB = 0.5mA
IC = 1A, IB = 5mA
IC = 2A, IB = 40mA
IC = 3A, IB = 150mA
Base-Emitter Saturation Voltage
VBE(SAT)
⎯
⎯
1.2
V
IC = 3A, IB = 150mA
Base-Emitter Turn-On Voltage
VBE(ON)
⎯
⎯
1.1
V
VCE = 2V, IC = 3A
DC Current Gain
hFE
500
400
150
60
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
⎯
VCE = 2V, IC = 100mA
VCE = 2V, IC = 1A
VCE = 2V, IC = 2A
VCE = 2V, IC = 3A
AC CHARACTERISTICS
Transition Frequency
fT
150
⎯
⎯
MHz
VCE = 5V, IC = 50mA,
f = 50MHz
Output Capacitance
Cobo
⎯
16
⎯
pF
VCB = 10V, f = 1MHz
Switching Times
ton
toff
⎯
⎯
33
1300
⎯
⎯
ns
ns
VCC = 10V, IC = 500mA,
IB1 = IB2 = 50mA
Notes:
7. Pulse Test: Pulse width
≤300μs. Duty cycle ≤2.0%.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com