Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC1302 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # GC1302
Description  ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1302 Datasheet(HTML) 2 Page - Microsemi Corporation

  GC1302 Datasheet HTML 1Page - Microsemi Corporation GC1302 Datasheet HTML 2Page - Microsemi Corporation GC1302 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KV1913A – GC1310
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 2
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
ENHANCED PERFORMANCE SURFACE MOUNT
EPSM™Hyperabrupt Varactor Diodes
TM
®
KV1900 SUPER HYPERABRUPT VARACTORS
FOR 1-8 VOLT HIGH SENSITIVITY VCO’S
.
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
VB(V)
IR=10μA
(Min)
CT(pF)
@1V
(Min)
CT(pF)
@2.5V
CT(pF)
@4V
(Max)
CT(pF)
@8V
(Max)
Q
@4V, 50 MHz
(Min)
KV1913A
12
36.0
18 – 27
12.0
6.20
400
KV1953A
12
26.0
13 – 20
9.0
4.70
500
KV1923A
12
17.0
8.5 – 13
6.0
3.20
600
KV1933A
12
13.0
6.5 – 10
4.5
2.70
750
KV1943A
12
9.0
4.5 – 6.5
3.0
1.70
900
KV1963A
12
4.0
2.0 – 3.0
1.5
1.00
1200
KV1973A
12
1.8
1.1 – 1.5
0.8
0.55
1400
KV1983A
12
1.2
0.8 – 1.1
0.6
0.45
1600
KV1993A
12
0.6
0.5 – 0.8
0.4
0.35
1800
KV2100 MICROWAVE HYPERABRUPT VARACTORS
FOR 2-15 VOLT WIDE BANDWIDTH VCO’S
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
VB(V)
IR=10μA
(Min)
CT(pF)
@0V
(Typ)
CT(pF)
@4V
CT(pF)
@20V
Q
@4V,50 MHz
(Min)
KV2163
22
26.0
8.75 – 10.80
1.85 – 2.50
400
KV2153
22
14.0
4.45 – 5.50
0.85 – 1.30
600
KV2143
22
7.0
2.65 – 3.30
0.65 – 0.90
700
KV2133
22
5.0
1.75 – 2.20
0.50 – 0.70
850
KV2123
22
3.0
1.30 – 1.65
0.40 – 0.55
1000
KV2113
22
2.0
0.85 – 1.10
0.30 – 0.45
1200
GC1300 MICROWAVE ABRUPT VARACTORS
FOR 0-30 VOLT MODERATE BANDWIDTH LOW NOISE VCO’S
ELECTRICAL PARAMETERS @ 25
C (unless otherwise specified)
Model Number
VB(V)
IR=10μA
(Min)
CT(pF)
@4V
(+/-10%)
Ratio
CT 0/ CT 4
(Min)
Ratio
CT 4/ CT30
(Min)
Q
@4V,50 MHz
(Min)
GC1300
30
0.8
1.5
1.45
3900
GC1301
30
1.0
1.6
1.55
3800
GC1302
30
1.2
1.7
1.60
3700
GC1303
30
1.5
1.8
1.65
3600
GC1304
30
1.8
1.9
1.70
3500
GC1305
30
2.2
2.0
1.75
3400
GC1306
30
2.7
2.0
1.80
3300
GC1307
30
3.3
2.1
1.85
3100
GC1308
30
3.9
2.1
1.90
2700
GC1309
30
4.7
2.2
1.95
2600
GC1310
30
5.6
2.2
2.00
2500



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com