Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GC1307 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # GC1307
Description  ENHANCED PERFORMANCE SURFACE MOUNT EPSM?줙yperabrupt Varactor Diodes TM
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

GC1307 Datasheet(HTML) 1 Page - Microsemi Corporation

  GC1307 Datasheet HTML 1Page - Microsemi Corporation GC1307 Datasheet HTML 2Page - Microsemi Corporation GC1307 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
KV1913A – GC1310
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
Copyright
 2007
Rev: 2009-01-19
RoHS Compliant
ENHANCED PERFORMANCE SURFACE MOUNT
EPSM™Hyperabrupt Varactor Diodes
TM
®
DESCRIPTION
Our EPSM packaged devices are designed for the most demanding
commercial and Military requirements where the inconsistent
performance inherent in plastic surface mount packages cannot be
tolerated. These package styles extend the surface mount
construction format to 6 GHz for high performance wireless
applications. Select varactors from three families of C/V curves for
designs through 6 GHz. They are available in multiple chip
configuration as well as outlines which directly replace SOT23 and
SOD323 devices. Other devices and values are always available.
Contact our applications engineering department for more details.
APPLICATIONS/BENEFITS
High Performance Wireless
Surface Mount Options for
GSM, TAGS, WANS, PCS
Wideband VCO applications
Voltage Tuned Filters
VCXOs
APPLICATIONS
Specify EPSM package style 450A or 454. For 3 terminal style 454,
refer to configuration page. Example: GC1503-454-4 is a common
cathode pair of abrupt junction varactors with 1.5 pF capacitance
@4V (per device); for the 2 terminal style 450A, refer to the outline
dimension table. Example: GC1503-450A is a single abrupt junction
varactor with 1.5 pF capacitance at 4V in an 0604 footprint.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
50
nA
Storage Temperature
TSTG
-55 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
KEY FEATURES
Wide Range of Capacitance
Values
For Frequencies from VHF to 6
GHz
Lower Parasitics
Superior Consistency/Repeatability
Footprints Available for SOT23/
SOD323/SOD123
Dozens of Configurations Available
Mil Grade Ceramic/Epoxy
Amalgam
Tape & Reel Available for Pick and
Place Assembly
RoHS Compliant
1
IMPORTANT:
For the most current data, consult our website: www.MICROSEMI.com
Specifications are subject to change. Consult factory for the latest information
.
These devices are ESD sensitive and must be handled using ESD precautions.
1 The EPSM products are supplied with a
RoHS complaint Gold finish
.


Similar Part No. - GC1307

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
GC1307 MICROSEMI-GC1307 Datasheet
290Kb / 4P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
More results

Similar Description - GC1307

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
SMV1100 ALPHA-SMV1100 Datasheet
534Kb / 7P
Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
KV1913A MICROSEMI-KV1913A Datasheet
290Kb / 4P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
LSP1000 MICROSEMI-LSP1000 Datasheet
322Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PACKAGED DEVICES
MPV1965 MICROSEMI-MPV1965 Datasheet
61Kb / 3P
MONOLITHIC MICROWAVE SURFACE MOUNT VARACTOR DIODES
logo
List of Unclassifed Man...
SMV1299 ETC1-SMV1299 Datasheet
130Kb / 7P
Plastic Packaged Surface Mount Varactor Diodes
logo
Microsemi Corporation
GCX1202 MICROSEMI-GCX1202 Datasheet
97Kb / 2P
VARACTOR DIODES Surface Mount SOT23 Abrupt Junction TM
KVX2001 MICROSEMI-KVX2001 Datasheet
109Kb / 2P
SURFACE MOUNT VARACTOR DIODES Wide Bandwidth SOT-23 Hyperabrupt TM
GMV1000 MICROSEMI-GMV1000 Datasheet
158Kb / 3P
Surface Mount Varactor Diodes
LSP1000 MICROSEMI-LSP1000_09 Datasheet
109Kb / 3P
ENHANCED PERFORMANCE SURFACE MOUNT EPSM PIN Diodes TM
MPV1965 MICROSEMI-MPV1965_09 Datasheet
103Kb / 2P
VARACTOR DIODES Surface Mount MMSM Varactors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com