Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT2011P5 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DXT2011P5
Description  100V NPN LOW SAT MEDIUM POWER TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2011P5 Datasheet(HTML) 6 Page - Diodes Incorporated

  DXT2011P5 Datasheet HTML 1Page - Diodes Incorporated DXT2011P5 Datasheet HTML 2Page - Diodes Incorporated DXT2011P5 Datasheet HTML 3Page - Diodes Incorporated DXT2011P5 Datasheet HTML 4Page - Diodes Incorporated DXT2011P5 Datasheet HTML 5Page - Diodes Incorporated DXT2011P5 Datasheet HTML 6Page - Diodes Incorporated DXT2011P5 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DXT2011P5
Document number: DS32069 Rev. 2 - 2
6 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2011P5
PowerDI is a registered trademark of Diodes Incorporated.
A Product Line of
Diodes Incorporated
Package Outline Dimensions
Suggested Pad Layout
PowerDI
®5
Dim
Min
Max
A
1.05
1.15
A2
0.33
0.43
b1
0.80
0.99
b2
1.70
1.88
D
3.90
4.05
D2
3.054 Typ
E
6.40
6.60
e
1.84 Typ
E1
5.30
5.45
E2
3.549 Typ
L
0.75
0.95
L1
0.50
0.65
W
1.10
1.41
All Dimensions in mm
Dimensions
Value (in mm)
Z
6.6
X1
1.4
X2
3.6
Y1
0.8
Y2
4.7
C
3.87
E1
0.9
Z
C
X2
E1
X1
Y1
Y2
E
E1
b1
A
A2
A2
D
b2
b1
e
D2
L
E2
L1
W



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com