Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DXT2012P5-13 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DXT2012P5-13
Description  60V PNP MEDIUM POWER TRANSISTOR PowerDI짰5
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DXT2012P5-13 Datasheet(HTML) 3 Page - Diodes Incorporated

  DXT2012P5-13 Datasheet HTML 1Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 2Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 3Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 4Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 5Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 6Page - Diodes Incorporated DXT2012P5-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
DXT2012P5
Document number: DS32070 Rev. 2 - 2
3 of 7
www.diodes.com
March 2010
© Diodes Incorporated
DXT2012P5
PowerDI is a registered trademark of Diodes
A Product Line of
Diodes Incorporated
10
100
1000
10000
20
40
60
80
100
120
140
160
180
10
100
1000
10000
0
1
2
3
4
100m
1
10
100
10m
100m
1
10
Single Pulse. T
amb
=25°C
See note 3
V
CE(sat)
Limited
100µs
1ms
10ms
100ms
1s
DC
Safe Operating Area
-V
CE
Collector-Emitter Voltage (V)
0
25
50
75
100
125
150
175
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
See note 5
See note 4
See note 3
Derating Curve
Temperature (°C)
100µ
1m
10m 100m
1
10
100
1k
0
10
20
30
40
Power Rating vs. Cu Area
Thermal Resistance vs. Cu Area
See note 3
Transient Thermal Impedance
D=0.5
D=0.2
D=0.1
Single Pulse
D=0.05
Pulse Width (s)
100µ
1m
10m 100m
1
10
100
1k
1
10
100
Single Pulse. T
amb
=25°C
See note 3
Pulse Power Dissipation
Pulse Width (s)
2 oz. weight Copper
T
(amb)
=25°C
Copper Area (sq mm)
1 oz. weight Copper
1 oz. weight Copper
2 oz. weight Copper
Copper Area (sq mm)
T
(amb)
=25°C



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com