Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADCLK944 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCLK944
Description  2.5 V/3.3 V, Four LVPECL Outputs, SiGe Clock Fanout Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCLK944 Datasheet(HTML) 3 Page - Analog Devices

  ADCLK944 Datasheet HTML 1Page - Analog Devices ADCLK944 Datasheet HTML 2Page - Analog Devices ADCLK944 Datasheet HTML 3Page - Analog Devices ADCLK944 Datasheet HTML 4Page - Analog Devices ADCLK944 Datasheet HTML 5Page - Analog Devices ADCLK944 Datasheet HTML 6Page - Analog Devices ADCLK944 Datasheet HTML 7Page - Analog Devices ADCLK944 Datasheet HTML 8Page - Analog Devices ADCLK944 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ADCLK944
Rev. 0 | Page 3 of 12
SPECIFICATIONS
Typical values are given for VCC − VEE = 3.3 V and TA = 25°C, unless otherwise noted. Minimum and maximum values are given for the
full VCC − VEE = 3.3 V + 10% to 2.5 V − 5% and TA = −40°C to +85°C variation, unless otherwise noted.
CLOCK INPUTS AND OUTPUTS
Table 1.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DC INPUT CHARACTERISTICS
Input Common-Mode Voltage
VICM
VEE + 1.35
VCC − 0.1
V
Input Differential Voltage
VID
0.4
3.4
V p-p
±1.7 V between input pins
Input Capacitance
CIN
0.4
pF
Input Resistance
RIN
Single-Ended Mode
50
Ω
Differential Mode
100
Ω
Common Mode
50
kΩ
VT open
Input Bias Current
20
μA
DC OUTPUT CHARACTERISTICS
Output Voltage High Level
VOH
VCC − 1.26
VCC − 0.76
V
Load = 50 Ω to (VCC − 2.0 V)
Output Voltage Low Level
VOL
VCC − 1.99
VCC − 1.54
V
Load = 50 Ω to (VCC − 2.0 V)
Output Voltage, Single-Ended
VO
600
960
mV
VOH − VOL, output static
Voltage Reference
VREF
Output Voltage
(VCC + 1)/2
V
−500 μA to +500 μA
Output Resistance
250
Ω
TIMING CHARACTERISTICS
Table 2.
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
AC PERFORMANCE
Maximum Output Frequency
6.2
7.0
GHz
Differential output voltage swing > 0.8 V
(see Figure 4)
Output Rise/Fall Time
tR
35
50
75
ps
20% to 80%, measured differentially
Propagation Delay
tPD
70
100
130
ps
VID = 1.6 V p-p
Temperature Coefficient
75
fs/°C
Output-to-Output Skew1
15
ps
Part-to-Part Skew
35
ps
VID = 1.6 V p-p
Additive Time Jitter
Integrated Random Jitter
26
fs rms
BW = 12 kHz to 20 MHz, CLK = 1 GHz
Broadband Random Jitter2
50
fs rms
VID = 1.6 V p-p, 8 V/ns, VICM = 2 V
CLOCK OUTPUT PHASE NOISE
Absolute Phase Noise
Input slew rate > 1 V/ns (see Figure 11)
fIN = 1 GHz
−118
dBc/Hz
100 Hz offset
−135
dBc/Hz
1 kHz offset
−144
dBc/Hz
10 kHz offset
−150
dBc/Hz
100 kHz offset
−150
dBc/Hz
>1 MHz offset
1 The output-to-output skew is the difference between any two similar delay paths while operating at the same voltage and temperature.
2 Measured at the rising edge of the clock signal; calculated using the SNR of the ADC method.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com