Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1871ARMZ-1.0-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADP1871ARMZ-1.0-R7
Description  Synchronous Buck Controller with Constant On-Time and Valley Current Mode
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1871ARMZ-1.0-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADP1871ARMZ-1.0-R7 Datasheet HTML 4Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 5Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 6Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 7Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 8Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 9Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 10Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 11Page - Analog Devices ADP1871ARMZ-1.0-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 44 page
background image
ADP1870/ADP1871
Rev. 0 | Page 8 of 44
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 0.8V
fSW = 1.0MHz
WÜRTH INDUCTOR:
744303012, L = 0.12µH, DCR = 0.33m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 10. Efficiency—1.0 MHz, VOUT = 0.8 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 1.8V
fSW = 1.0MHz
WÜRTH INDUCTOR:
744303022, L = 0.22µH, DCR = 0.33m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 11. Efficiency—1.0 MHz, VOUT = 1.8 V
100
95
90
85
80
75
70
65
60
55
50
45
40
35
30
25
20
15
10
5
0
10
100
1k
10k
100k
LOAD CURRENT (mA)
TA = 25°C
VOUT = 5V
fSW = 1.0MHz
WÜRTH INDUCTOR:
744355090, L = 0.9µH, DCR = 1.6m
INFINEON FETs:
BSC042N03MS G (UPPER/LOWER)
VIN = 13V (PSM)
VIN = 16.5V (PSM)
VIN = 13V
VIN = 16.5V
Figure 12. Efficiency—1.0 MHz, VOUT = 5 V
0.807
0.806
0.805
0.804
0.803
0.802
0.801
0.800
0.799
0.798
0.797
0.796
0.795
0.794
0.793
0.792
0
2000
4000
6000
8000
10,000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
+125°C
+25°C
–40°C
VIN = 16.5V
Figure 13. Output Voltage Accuracy—300 kHz, VOUT = 0.8 V
1.821
1.816
1.811
1.806
1.801
1.796
1.791
1.786
0
1500
3000
4500
6000
7500
9000
10,500 12,000 13,500 15,000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 5.5V
+125°C
+25°C
–40°C
VIN = 13V
+125°C
+25°C
–40°C
VIN = 16.5V
Figure 14. Output Voltage Accuracy—300 kHz, VOUT = 1.8 V
7.100
7.095
7.090
7.085
7.080
7.075
7.070
7.065
7.060
7.055
7.050
7.045
7.040
7.035
7.030
7.025
7.020
7.015
7.010
7.005
7.000
0
1000
2000
3000
4000
5000
6000
7000
8000
9000
LOAD CURRENT (mA)
+125°C
+25°C
–40°C
VIN = 13V
VIN = 16.5V
Figure 15. Output Voltage Accuracy—300 kHz, VOUT = 7 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com