Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LXP1004 Datasheet(PDF) 1 Page - Microsemi Corporation

Part # LXP1004
Description  SURFACE MOUNT SOT23 PKG PIN Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

LXP1004 Datasheet(HTML) 1 Page - Microsemi Corporation

  LXP1004 Datasheet HTML 1Page - Microsemi Corporation LXP1004 Datasheet HTML 2Page - Microsemi Corporation LXP1004 Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LXP1000 – LXP1011
Microsemi
Microwave Products
75 Technology Drive, Lowell, MA. 01851, 978-442-5600, Fax: 978-937-3748
Page 1
TM
®
Copyright
 2007
Rev. 2009-02-02
RoHS Compliant
SURFACE MOUNT
SOT23 PKG PIN Diodes
DESCRIPTION
The LXP series of SOT-23 PIN diodes offers the circuit designer a
higher level of quality in a commercially priced package. Choose
from LXP1000, LXP1004, and LXP1008 for switching applications,
LXP1002, LXP1005, LXP1010 and LXP1011 for low distortion
attenuation from VHF through 1.5 GHz. They are available in a host
of configurations (see configuration table for internal wiring.) The
LXP series of PIN diodes supersedes the LSP series. The LXP
products are supplied with a RoHS compliant matte tin finish. The
LSP series was supplied with a lead/tin finish.
Other configurations are available - consult factory for details. When
ordering specify configuration (example: LXP1004-23-4 is a
common cathode dual pin).
APPLICATIONS
The LXP1000 series of SOT-23 PIN diodes are ideal for low cost
RF switching and attenuator applications through 1.5 GHz. The can
be tuned for narrow band control for frequencies through 5 GHz.
They are available as Single Diode, Series “T”, and Common Pair
configurations. The SOT-23 products can be supplied in bulk or on
‘tape & reel’ for automated pick and place assembly. Tape &
Reeled parts are supplied in 8mm conductive polycarbonate tape.
APPLICATIONS/BENEFITS
Low Current Switching
Low Distortion Attenuation
Ultra Low Distortion Switching
High Quality / Economical Price.
ABSOLUTE MAXIMUM RATINGS AT 25º C
(UNLESS OTHERWISE SPECIFIED)
Rating
Symbol
Value
Unit
Maximum Leakage Current
@80% of Minimum Rated VB
IR
50
nA
Storage Temperature
TSTG
-65 to +125
ºC
Operating Temperature
TOP
-55 to +125
ºC
Power Dissipation
PD
250
mW
Forward Current (1uS Pusle)
IF
1
A
KEY FEATURES
Low Cost
High Performance
Surface Mount
Available on Tape
Multiple Configurations to Choose
From
RoHS Compliant
1
IMPORTANT: For the most current data, consult our website: www.MICROSEMI.com
These devices are ESD sensitive and must be handled using ESD precautions.
1 The LXP1000 Series of products are
supplied with a RoHS complaint Gold finish
.


Similar Part No. - LXP1004

ManufacturerPart #DatasheetDescription
logo
Level One
LXP600A LVL1-LXP600A Datasheet
680Kb / 10P
Low-Jitter Clock Adapters(CLADs)
LXP602 LVL1-LXP602 Datasheet
680Kb / 10P
Low-Jitter Clock Adapters(CLADs)
LXP604 LVL1-LXP604 Datasheet
680Kb / 10P
Low-Jitter Clock Adapters(CLADs)
LXP610 LVL1-LXP610 Datasheet
815Kb / 12P
Low-Jitter Multi-Rate Clock Adapter(CLAD)
LXP710 LVL1-LXP710 Datasheet
174Kb / 2P
HDSL Framer/Mapper for 1168 kbps Applications
More results

Similar Description - LXP1004

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4P1250 MACOM-MA4P1250 Datasheet
143Kb / 3P
Surface Mount PIN Diodes
logo
Agilent(Hewlett-Packard...
HSMP-38XX HP-HSMP-38XX Datasheet
99Kb / 12P
Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-3864-TR1G AVAGO-HSMP-3864-TR1G Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-3860 AVAGO-HSMP-3860_15 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
logo
Broadcom Corporation.
HSMP-386C BOARDCOM-HSMP-386C Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-386E BOARDCOM-HSMP-386E Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-386L BOARDCOM-HSMP-386L Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-3860 BOARDCOM-HSMP-3860 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
HSMP-3862 BOARDCOM-HSMP-3862 Datasheet
260Kb / 10P
Surface Mount PIN Diodes
logo
AVAGO TECHNOLOGIES LIMI...
HSMP-386X AVAGO-HSMP-386X Datasheet
225Kb / 10P
Surface Mount PIN Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com