Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDS60L Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MDS60L
Description  60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MDS60L Datasheet(HTML) 1 Page - Microsemi Corporation

  MDS60L Datasheet HTML 1Page - Microsemi Corporation MDS60L Datasheet HTML 2Page - Microsemi Corporation MDS60L Datasheet HTML 3Page - Microsemi Corporation MDS60L Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Microsemi reserves the right to change, without notice, the specifications and information contained herein. Visit
our web site at www.microsemi.com or contact our factory direct.
MDS60L
60 Watts, 50 Volts, Pulsed
Avionics 1030 - 1090 MHz
GENERAL DESCRIPTION
The MDS60L is a high power COMMON BASE bipolar transistor.
It is
designed for MODE-S ELM systems in the 1030 - 1090 MHz frequency band.
The transistor includes a double input prematch for broadband performance.
The device has gold thin-film metallization and diffused ballasting in a
hermetically sealed package for proven highest MTTF.
CASE OUTLINE
55AW Style 1
ABSOLUTE MAXIMUM RATINGS
Maximum Power Dissipation
Device Dissipation @25
°C1
120 W
Maximum Voltage and Current
Collector to Emitter Voltage (BVces)
65 V
Emitter to Base Voltage (BVebo)
3.5 V
Peak Collector Current (Ic)
4 A
Maximum Temperatures
Storage Temperature
-65 to +150
°C
Operating Junction Temperature
+200
°C
ELECTRICAL CHARACTERISTICS @ 25
°C
SYMBOL
CHARACTERISTICS
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Pout
Power Out
60
W
Pin
Power Input
6
W
Pg
Power Gain
10
dB
η
c
Collector Efficiency
F = 1030, 1090 MHz
Vcc = 50 Volts
PW = Note 2
DF = Note 2
34
%
VSWR
Load Mismatch Tolerance
2:1
Pd
1
Pulse Droop
0.8
dB
Trise
1
Rise Time
100
nSec
FUNCTIONAL CHARACTERISTICS @ 25
°C
BVebo
Emitter to Base Breakdown
Ie = 5 mA
3.5
V
BVces
Collector to Emitter Breakdown
Ic = 25 mA
65
V
BVcbo
Collector to Base Breakdown
Ic = 25 mA
65
V
hFE
DC – Current Gain
Vce = 5V, Ic = 500 mA
20
θjc1
Thermal Resistance
0.5
°C/W
NOTE 1: AT RATED OUTPUT POWER AND PULSE CONDITIONS
NOTE 2: ELM Burst: 32µSec ON/ 18µSec OFF x 48, repeated at 23mSec
Rev B: Updated July 2009


Similar Part No. - MDS60L

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MDS60L MICROSEMI-MDS60L Datasheet
244Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS60L MICROSEMI-MDS60L_11 Datasheet
244Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
More results

Similar Description - MDS60L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TPR400 ETC-TPR400 Datasheet
271Kb / 3P
400 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Advanced Power Technolo...
10502 ADPOW-10502 Datasheet
866Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
logo
GHz Technology
TPR500A GHZTECH-TPR500A Datasheet
274Kb / 3P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
Microsemi Corporation
MDS150 MICROSEMI-MDS150 Datasheet
97Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
TPR400A MICROSEMI-TPR400A Datasheet
149Kb / 4P
400 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
10502 MICROSEMI-10502_10 Datasheet
86Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 / 1090 MHz
MDS60L MICROSEMI-MDS60L_11 Datasheet
244Kb / 4P
60 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS150 MICROSEMI-MDS150_10 Datasheet
216Kb / 3P
150 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
MDS500L MICROSEMI-MDS500L_08 Datasheet
194Kb / 4P
500 Watts, 50 Volts, Pulsed Avionics 1030 - 1090 MHz
logo
New Jersey Semi-Conduct...
TPR175 NJSEMI-TPR175 Datasheet
86Kb / 1P
175 Watts, 50 Volts, Pulsed Avionics 1030-1090 MHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com