Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2005 Datasheet(PDF) 1 Page - Wing Shing Computer Components

Part # S2005
Description  SILICON DIFFUSED POWER TRANSISTOR
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINGS [Wing Shing Computer Components]
Direct Link  http://www.wingshing.com/en
Logo WINGS - Wing Shing Computer Components

S2005 Datasheet(HTML) 1 Page - Wing Shing Computer Components

  S2005 Datasheet HTML 1Page - Wing Shing Computer Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GENERAL DESCRIPTION
Highvoltage,high-speed switching npn transistors in
a plastic envelope with integrated efficiency diode ,
primarily for use in horizontal deflection circuites of
colour television receivers
QUICK REFERENCE DATA
LIMITING VALUES
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1500
V
V
CEO
Collector-emitter voltage (open base)
600
V
I
C
Collector current (DC)
8
A
I
CM
Collector current peak value
15
A
P
tot
Total power dissipation
T
mb
25
125
W
V
CEsat
Collector-emitter saturation voltage
I
C = 4.5A; IB = 2.0A
1.5
V
I
csat
Collector saturation current
f = 16KHz
A
V
F
Diode forward voltage
I
F=4.0A
2.0
V
t
f
Fall time
I
C=4.5A,IB1=-IB2=1.2A,VCC=140V
1.0
s
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
V
CESM
Collector-emitter voltage peak value
V
BE = 0V
1500
V
V
CEO
Collector-emitter voltage (open base)
600
V
V
EBO
Emitter-base voltage(open collector)
5
V
I
C
Collector current (DC)
8
A
I
B
Base current (DC)
4
A
I
BM
Base current peak value
6
A
P
tot
Total power dissipation
Tmb
25
125
W
T
stg
Storage temperature
-55
150
T
j
Junction temperature
150
SYMBOL
PARAMETER
CONDITIONS
MIN
MAX
UNIT
I
CE
Collector-emitter cut-off current
V
BE = 0V; VCE = VCESMmax
1.0
mA
I
CES
V
BE = 0V; VCE = VCESMmax
2.0
mA
T
j = 125
V
CEOsust
Collector-emitter sustaining voltage
I
B = 0A; IC = 100mA
V
L = 25mH
V
CEsat
Collector-emitter saturation voltages
I
C = 4.5A; IB = 2.0A
1.5
V
V
BEsat
Base-emitter satuation voltage
I
C = 4.5A; IB = 2.0A
2.5
V
h
FE
DC current gain
I
C = 1.0A; VCE = 5V
8
30
V
F
Diode forward voltage
I
F=4.0A
2.0
V
f
T
Transition frequency at f = 1MHz
I
C = 0.1A; VCE = 10V
3
MHz
C
c
Collector capacitance at f = 1MHz
V
CB = 10V
pF
t
s
Switching times(16KHz line deflecton circuit)
I
C=4.5A,IB1=-IB2=1.2A,VCC=140V
7.0
s
t
f
Turn-off storage time Turn-off fall time
IC=4.5A,IB1=-IB2=1.2A,VCC=140V
1.0
s
ELECTRICAL CHARACTERISTICS
TO-3PH
Wing Shing Computer Components Co., (H.K.)Ltd.
Tel:(852)2341 9276
Fax:(852)2797 8153
Homepage: http://www.wingshing.com
E-mail:
wsccltd@hkstar.com
S2005A
SILICON DIFFUSED POWER TRANSISTOR


Similar Part No. - S2005

ManufacturerPart #DatasheetDescription
logo
Wing Shing Computer Com...
S2005AF WINGS-S2005AF Datasheet
97Kb / 1P
SILICON DIFFUSED POWER TRANSISTOR
logo
List of Unclassifed Man...
S2005GE10PL ETC1-S2005GE10PL Datasheet
190Kb / 3P
A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
S2005GE5PL ETC1-S2005GE5PL Datasheet
190Kb / 3P
A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
S2005GE6PL ETC1-S2005GE6PL Datasheet
190Kb / 3P
A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
S2005GE7PL ETC1-S2005GE7PL Datasheet
190Kb / 3P
A SERIES OF SPECTRAL - RESPONSE SILICON PHOTOCELLS DESIGNED FOR UNIQUE PRODUCT APPLICATIONS
More results

Similar Description - S2005

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BU1706A PHILIPS-BU1706A Datasheet
76Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.000
BU1706AB PHILIPS-BU1706AB Datasheet
83Kb / 7P
Silicon Diffused Power Transistor
February 1998 Rev 1.000
BU2506DF PHILIPS-BU2506DF Datasheet
66Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.400
BU2507AX PHILIPS-BU2507AX Datasheet
55Kb / 6P
Silicon Diffused Power Transistor
eptember 1997 Rev 1.100
BU2508AF PHILIPS-BU2508AF Datasheet
70Kb / 7P
Silicon Diffused Power Transistor
September 1997 Rev 1.500
logo
Wing Shing Computer Com...
2SD1577 WINGS-2SD1577 Datasheet
138Kb / 1P
Silicon Diffused Power Transistor
logo
NXP Semiconductors
BU2508DF PHILIPS-BU2508DF Datasheet
71Kb / 7P
Silicon Diffused Power Transistor
July 1998-Rev 1.600
BUJ100B PHILIPS-BUJ100B Datasheet
65Kb / 8P
Silicon Diffused Power Transistor
May 2001-Rev 1.000
BUJ105AD NXP-BUJ105AD Datasheet
88Kb / 12P
Silicon diffused power transistor
Rev. 01-14 December 2004
BUJ403A127 NXP-BUJ403A127 Datasheet
125Kb / 9P
Silicon Diffused Power Transistor
December 1998
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com