Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BDE0100G Datasheet(PDF) 5 Page - Rohm

Part # BDE0100G
Description  Detect TemperatureChangeable Thermostat Output Temperature Sensor IC
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BDE0100G Datasheet(HTML) 5 Page - Rohm

  BDE0100G Datasheet HTML 1Page - Rohm BDE0100G Datasheet HTML 2Page - Rohm BDE0100G Datasheet HTML 3Page - Rohm BDE0100G Datasheet HTML 4Page - Rohm BDE0100G Datasheet HTML 5Page - Rohm BDE0100G Datasheet HTML 6Page - Rohm BDE0100G Datasheet HTML 7Page - Rohm BDE0100G Datasheet HTML 8Page - Rohm BDE0100G Datasheet HTML 9Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
BDE□□□0G Series
Technical Note
5/8
www.rohm.com
2009.06 - Rev.A
© 2009 ROHM Co., Ltd. All rights reserved.
Functional Diagram ( ex. Detection Temperature 110℃ )
1.0
Vos
VTemp@30℃
( 1.753V Typical )
Temperature
Sensitivity
( -10.68mV/℃ Typical )
Temperature Hysteresis
( 10℃ Typical )
110
90
70
50
10
130
-30
30
-10
-50
Temperature [℃]
110
90
70
50
10
130
-30
30
-10
-50
Temperature [℃]
1.5
2.0
2.5
3.0
0
0.5



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com