Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1PMT4615 Datasheet(PDF) 2 Page - Microsemi Corporation

Part # 1PMT4615
Description  POWERMITETM Low Noise 1 Watt Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

1PMT4615 Datasheet(HTML) 2 Page - Microsemi Corporation

  1PMT4615 Datasheet HTML 1Page - Microsemi Corporation 1PMT4615 Datasheet HTML 2Page - Microsemi Corporation 1PMT4615 Datasheet HTML 3Page - Microsemi Corporation 1PMT4615 Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
POWERMITE
TM
Low Noise 1 Watt Zener Diodes
S C O T TS DALE DIVISION
1PMT4614e3 thru 1PMT4627e3,
1PMT4099e3 thru 1PMT4135e3
ELECTRICAL CHARACTERISTICS @ 25°C
NOMINAL
ZENER
VOLTAGE
(1)
VZ @ IZT
ZENER
TEST
CURRENT
IZT
MAXIMUM
ZENER
IMPEDA NCE
(2)
ZZT
MAXIMUM
REVERSE
CURRENT
IR @ VR
MAXIMUM
NOISE
DENSITY
ND @ IZT
MAXIMUM
ZENER
CURRENT
(3)
IZM
TYPICAL
TEMPERATURE
COEFFICIENT
OF ZENER
VOLTAGE
αVZ
MICROSEMI
PART
NUMBER
(4)
DEVICE
MARKING
VOLTS
μA
OHMS
μA
VOLTS
μV/√HZ
mA
%/
°C
1PMT4614
614•
1.8
250
1200
7.5
1.0
1
262.4
-0.075
1PMT4615
615•
2.0
250
1250
5.0
1.0
1
240.6
-0.075
1PMT4616
616•
2.2
250
1300
4.0
1.0
1
218.7
-0.075
1PMT4617
617•
2.4
250
1400
2.0
1.0
1
207.8
-0.075
1MPT4618
618•
2.7
250
1500
1.0
1.0
1
196.8
-0.075
1PMT4619
619•
3.0
250
1600
0.8
1.0
1
190.3
-0.075
1PMT4620
620•
3.3
250
1650
7.5
1.5
1
185.9
-0.075
1PMT4621
621•
3.6
250
1700
7.5
2.0
1
181.5
-0.065
1PMT4622
622•
3.9
250
1650
5.0
2.0
1
174.9
-0.060
1PMT4623
623•
4.3
250
1600
4.0
2.0
1
168.4
-0.050
1PMT4624
624•
4.7
250
1550
10
3.0
1
164.0
-0.040 +0.020
1PMT4625
625•
5.1
250
1500
10
3.0
2
153.1
-0.045 +0.030
1PMT4626
626•
5.6
250
1400
10
4.0
4
142.2
-0.020 +0.040
1PMT4627
627•
6.2
250
1200
10
5.0
5
133.4
-0.010 +0.050
1PMT4099
099•
6.8
250
200
10
5.17
40
122.5
0.040
1PMT4100
100•
7.5
250
200
10
5.70
40
111.5
0.045
1PMT4101
101•
8.2
250
200
1.0
6.24
40
100.6
0.048
1PMT4102
102•
8.7
250
200
1.0
6.61
40
96.2
0.049
1PMT4103
103•
9.1
250
200
1.0
6.92
40
91.9
0.050
1PMT4104
104•
10
250
200
1.0
7.60
40
83.1
0.055
1PMT4105
105•
11
250
200
.05
8.44
40
76.5
0.060
1PMT4106
106•
12
250
200
.05
9.12
40
69.9
0.065
1PMT4107
107•
13
250
200
.05
9.87
40
63.4
0.065
1PMT4108
108•
14
250
200
.05
10.65
40
59.0
0.070
1PMT4109
109•
15
250
100
.05
11.40
40
54.8
0.070
1PMT4110
110•
16
250
100
.05
12.15
40
52.5
0.070
1PMT4111
111•
17
250
100
.05
12.92
40
48.1
0.075
1PMT4112
112•
18
250
100
.05
13.37
40
45.9
0.075
1PMT4113
113•
19
250
150
.05
14.44
40
43.7
0.075
1PMT4114
114•
20
250
150
.01
15.20
40
41.6
0.075
1PMT4115
115•
22
250
150
.01
16.72
40
37.2
0.080
1PMT4116
116•
24
250
150
.01
18.25
40
34.9
0.080
1PMT4117
117•
25
250
150
.01
19.00
40
32.8
0.080
1PMT4118
118•
27
250
150
.01
20.45
40
30.6
0.085
1PMT4119
119•
28
250
200
.01
21.28
40
30.6
0.085
1PMT4120
120•
30
250
200
.01
22.80
40
28.4
0.085
1PMT4121
121•
33
250
200
.01
25.08
40
26.2
0.085
1PMT4122
122•
36
250
200
.01
27.38
40
24.0
0.090
1PMT4123
123•
39
250
200
.01
29.65
40
21.4
0.090
1PMT4124
124•
43
250
250
.01
32.65
40
19.5
0.090
1PMT4125
125•
47
250
250
.01
35.75
40
17.7
0.090
1PMT4126
126•
51
250
300
.01
38.76
40
16.4
0.090
1PMT4127
127•
56
250
300
.01
42.60
40
14.7
0.090
1PMT4128
128•
60
250
400
.01
45.60
40
13.9
0.090
1PMT4129
129•
62
250
500
.01
47.10
40
13.3
0.090
1PMT4130
130•
68
250
700
.01
51.68
40
12.2
0.095
1PMT4131
131•
75
250
700
.01
57.00
40
11.2
0.095
1PMT4132
132•
82
250
800
.01
62.32
40
10.1
0.095
1PMT4133
133•
87
250
1000
.01
66.12
40
9.6
0.095
1PMT4134
134•
91
250
1200
.01
69.16
40
9.2
0.095
1PMT4135
135•
100
250
1500
.01
76.00
40
8.3
0.095
NOTE 1: Product shown has a standard tolerance of
±5% on the nominal zener voltage. Also available in 2% and 1% tolerance with
suffix C and D respectively. VZ is measured at IZT with Tc (TAB 1) at 30°C.
NOTE 2: Zener impedance is derived by superimposing on IZT a 60 Hz rms ac current equal to 10% of IZT (25 μA ac).
NOTE 3: Based on 1 W maximum power dissipation before any derating. Allowance has been made for higher voltage with operation at
higher currents and temperature. For determination of voltage change with current deviations from IZ see Micro Note 202
T
NOTE 4: Part number should also include the e3 suffix since the only option is for RoHS Compliant product.
Microsemi
Scottsdale Division
Page 2
Copyright
© 2007
10-15-2007 REV J
8700 E. Thomas Rd. PO Box 1390, Scottsdale, AZ 85252 USA, (480) 941-6300, Fax: (480) 947-1503



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com