Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2148 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2148
Description  14-bit 8MSPS Analogue-To-Digital Converter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2148 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2148 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 7Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 8Page - Wolfson Microelectronics plc WM2148 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
WM2148
14-bit 8MSPS Analogue-To-Digital Converter
Production Data, February 2001, Rev 1.1
WOLFSON MICROELECTRONICS LTD
Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
http://www.wolfson.co.uk
Production Data datasheets contain final
specifications current on publication date.
Supply of products conforms to Wolfson
Microelectronics’ Terms and Conditions.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM2148 is a 14-bit, 8 MSPS analogue to digital
converter with an on-chip voltage reference, high bandwidth
sample and hold amplifier and programmable gain. The
analogue input is differential, giving excellent common-
mode noise immunity and low distortion.
The WM2148 is designed for use in highly integrated, low-
power 3.3V
systems.
A
high speed,
microprocessor
compatible parallel interface allows control of the ADC input
gain, digital DC offset, internal / external reference and
output data format. Both binary and two’s complement
formats are supported. The device also features an out of
range indicator pin to show when the input signal exceeds
the converter’s full-scale range.
In Power Down mode, all analogue circuitry is internally
disconnected from the power supply, reducing total supply
current to 20
µA.
The WM2148 is available in a 1mm thin 48-pin TQFP
package in standard commercial and industrial temperature
ranges.
FEATURES
14-bit resolution ADC
8 MSPS conversion rate
Differential input
3.3V single supply
Very low current power down mode - 20
µA typical
Microprocessor compatible parallel interface
Internal or external voltage reference
High bandwidth sample and hold amplifier
-
140MHz full-power bandwidth
Programmable Gain Amplifier (PGA)
Programmable DC offset
Binary or two’s complement output format
Out of range indicator
48-pin TQFP package, body thickness 1mm
APPLICATIONS
Communications
xDSL Front ends
Industrial control
Instrumentation
BLOCK DIAGRAM
IN+
PARALLEL INTERFACE AND
CONTROL LOGIC
A[1:0]
CSB
WEB
OEB
ADC
+
PGA
-
IN-
D[13:0]
OUTPUT
BUFFERS
REF+
REF-
OVI
CLK
VBG
WM2148
PRECISION
REFERENCE


Similar Part No. - WM2148

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130CDT WOLFSON-WM2130CDT Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130CDV WOLFSON-WM2130CDV Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130IDT WOLFSON-WM2130IDT Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130IDV WOLFSON-WM2130IDV Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
More results

Similar Description - WM2148

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM5615 WOLFSON-WM5615 Datasheet
117Kb / 12P
10-Bit Digital-to-Analogue Converter
logo
Maxwell Technologies
5675 MAXWELL-5675 Datasheet
189Kb / 16P
14-BIT, 400MSPS DIGITAL-TO-ANOALOG CONVERTER
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
logo
List of Unclassifed Man...
IC3410 ETC1-IC3410 Datasheet
196Kb / 6P
10-bit digital to analogue converter IC 3410
logo
Texas Instruments
DAC904 TI1-DAC904 Datasheet
789Kb / 23P
14-Bit, 165MSPS DIGITAL-TO-ANALOG CONVERTER
THS1209 TI1-THS1209 Datasheet
318Kb / 33P
12-BIT, 2 ANALOG INPUT, 8MSPS, SIMULTANEOUS SAMPLING ANALOG-TO-DIGITAL CONVERTER
DAC5675IPHP TI1-DAC5675IPHP Datasheet
572Kb / 31P
14-BIT, 400MSPS DIGITAL-TO ANALOG CONVERTER
logo
DATEL, Inc.
5962-9319801HXC-14 DATEL-5962-9319801HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319803HXC-14 DATEL-5962-9319803HXC-14 Datasheet
159Kb / 1P
14-Bit 5MHz Analog To Digital Converter
5962-9319801HXA DATEL-5962-9319801HXA Datasheet
170Kb / 1P
14-Bit 5MHz Analog To Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com