Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM2152 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM2152
Description  12-bit, 30MSOS ADC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM2152 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM2152 Datasheet HTML 1Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 2Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 3Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 4Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 5Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 6Page - Wolfson Microelectronics plc WM2152 Datasheet HTML 7Page - Wolfson Microelectronics plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
WM2152
12-bit, 30MSPS ADC
Product Preview, March 2001, Rev 1.1
WOLFSON MICROELECTRONICS LTD
Lutton Court, Bernard Terrace, Edinburgh, EH8 9NX, UK
Tel: +44 (0) 131 667 9386
Fax: +44 (0) 131 667 5176
Email: sales@wolfson.co.uk
www.wolfsonmicro.com
Product Preview data sheets contain
specifications for products in the formative
phase of development. These products may
be changed or discontinued without notice.
2001 Wolfson Microelectronics Ltd
.
DESCRIPTION
The WM2152 is a high speed 12-bit analogue-to-digital
converter operating on a 3.3V supply. This device includes
a high bandwidth sample and hold and internal voltage
references. Conversion is controlled by a single clock input.
The device has a differential sample and hold input which
gives excellent common-mode noise immunity and low
distortion. The maximum differential input voltage can be
set by the user, via two mode selection pins, to be 1V or 2V.
A third PGA mode is designed particularly for single-ended
input signals such as composite video sources. Single-
ended input signals require one side of the differential input
to be tied to an external voltage source.
The device provides internal reference voltages for setting
the ADC full-scale range without the requirement for
external circuitry.
The WM2152 can also accept external
reference levels for applications where common or high
precision references are required.
The WM2152 provides an out of range indicator flag to
indicate when the input signal exceeds the converter’s full
scale range. An output enable pin allows several devices to
share a common bus. Power down mode for the device is
under the control of the two mode control pins and takes
power consumption down to less than 36
µW.
FEATURES
12-bit resolution ADC
30MSPS conversion rate
Programmable Gain Amplifier (PGA)
Out of range indicator
Low power - 160mW typical at 3.3V supplies
Powerdown mode to 30
µW typical
66dB SNR for 3.58MHz input signal
-78db THD for 3.58MHz input signal
28-pin TSSOP package
APPLICATIONS
Direct IF sampling
Baseband digitisation
Video Digitisation
Portable instrumentation
Digital imaging
High speed data acquisition
BLOCK DIAGRAM
VINP (5)
PRECISION
REFERENCE
CIRCUITS
ADC
+
PGA
-
VINM (6)
D[11:0]
(12-18, 21-25)
OUTPUT
BUFFERS
(11) OVRNG
AVDD
(8, 27)
(9)
VRT
(10)
VRB
(26) OEB
(19) DGND
(20) DVDD
TIMING
CONTROL
(28) CLK
CONFIGURATION
CONTROL CIRCUIT
CON0 (3)
CON1 (2)
EXTREF (4)
AVDD
(1,7)
WM2152


Similar Part No. - WM2152

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM2130 WOLFSON-WM2130 Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130CDT WOLFSON-WM2130CDT Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130CDV WOLFSON-WM2130CDV Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130IDT WOLFSON-WM2130IDT Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
WM2130IDV WOLFSON-WM2130IDV Datasheet
186Kb / 20P
10 - BIT 30MSPS ANALOGUE- TO - DIGITAL CONVERTER
More results

Similar Description - WM2152

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1743 LINER-LTC1743 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTM2220-AA LINER-LTM2220-AA_15 Datasheet
203Kb / 12P
12-Bit, 170Msps ADC
LTC1743 LINER-LTC1743_15 Datasheet
517Kb / 24P
12-Bit, 50Msps ADC
LTC2224 LINER-LTC2224_15 Datasheet
616Kb / 24P
12-Bit, 135Msps ADC
LTC2153-12 LINER-LTC2153-12_15 Datasheet
592Kb / 24P
12-Bit 310Msps ADC
LTC2241-12 LINER-LTC2241-12_15 Datasheet
740Kb / 30P
12-Bit, 210Msps ADC
LTC2242-12 LINER-LTC2242-12_15 Datasheet
480Kb / 30P
12-Bit, 250Msps ADC
logo
Amphenol Corporation
NPX-C017 AMPHENOL-NPX-C017 Datasheet
89Kb / 4P
12 bit ADC
logo
PADAUK Technology.
PMC232 PADAUK-PMC232 Datasheet
1Mb / 94P
12-bit ADC Enhanced
logo
Maxim Integrated Produc...
MAX1207 MAXIM-MAX1207 Datasheet
892Kb / 29P
65Msps, 12-Bit ADC
2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com