Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSC1090M Datasheet(PDF) 1 Page - Microsemi Corporation

Part # MSC1090M
Description  RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSC1090M Datasheet(HTML) 1 Page - Microsemi Corporation

  MSC1090M Datasheet HTML 1Page - Microsemi Corporation MSC1090M Datasheet HTML 2Page - Microsemi Corporation MSC1090M Datasheet HTML 3Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MSC1090M
Microsemi reserves the right to change, without notice, the specifications and information contained
herein. Visit our web site at www.microsemi.com or contact our factory direct.
DESCRIPTION:
The MSC1090M is a medium power Class C transistor designed
specifically for pulsed L-Band avionics applications. Low RF thermal
resistance and emitter ballasting ensure high reliability and product
consistency.
ABSOLUTE MAXIMUM RATINGS (Tcase = 25
°C)
Symbol
Parameter
Value
Unit
PDISS
Power Dissipation
220
W
VCBO
Collector Base Voltage
65
V
Vces
Collector Emitter Voltage
65
V
Vebo
Emitter Base Voltage
3.5
V
TJ
Junction Temperature
200
ºC
IC
Device Current
5.52
A
TSTG
Storage Temperature
-65 to +150
ºC
Thermal Data
RTH(j-c)
Junction-Case Thermal Resistance
.8
°C/W
Revision A, January 2010
Features
• 1025-1150 MHz
• GOLD METALLIZATION
• INPUT MATCHED
• INFINITE VSWR CAPABILITY @ RATED CONDITIONS
• P
OUT = 90 W MINIMUM
• G
P = 8.4 dB
RF AND MICROWAVE TRANSISTORS
AVIONICS APPLICATIONS


Similar Part No. - MSC1090M

ManufacturerPart #DatasheetDescription
logo
Advanced Semiconductor
MSC1090M ASI-MSC1090M Datasheet
28Kb / 1P
NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - MSC1090M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AM0608-450 STMICROELECTRONICS-AM0608-450 Datasheet
82Kb / 3P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
AM80912-015 STMICROELECTRONICS-AM80912-015 Datasheet
94Kb / 6P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Mar-1994
AM80912-085 STMICROELECTRONICS-AM80912-085 Datasheet
66Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Aug-1992
MSC1000M STMICROELECTRONICS-MSC1000M Datasheet
100Kb / 5P
AVIONICS APPLICATIONS RF & MICROWAVE TRANSISTORS
Oct-1992
logo
Advanced Power Technolo...
MS2210 ADPOW-MS2210 Datasheet
98Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2203 ADPOW-MS2203 Datasheet
196Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1015MP ADPOW-MSC1015MP Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MSC1450M ADPOW-MSC1450M Datasheet
115Kb / 4P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2205 ADPOW-MS2205 Datasheet
96Kb / 3P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
MS2393 ADPOW-MS2393 Datasheet
207Kb / 5P
RF AND MICROWAVE TRANSISTORS AVIONICS APPLICATIONS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com